Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51927 Datasheet(PDF) 2 Page - Cyrustek corporation

Part # ES51927
Description  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51927 Datasheet(HTML) 2 Page - Cyrustek corporation

  ES51927_10 Datasheet HTML 1Page - Cyrustek corporation ES51927_10 Datasheet HTML 2Page - Cyrustek corporation ES51927_10 Datasheet HTML 3Page - Cyrustek corporation ES51927_10 Datasheet HTML 4Page - Cyrustek corporation ES51927_10 Datasheet HTML 5Page - Cyrustek corporation ES51927_10 Datasheet HTML 6Page - Cyrustek corporation ES51927_10 Datasheet HTML 7Page - Cyrustek corporation ES51927_10 Datasheet HTML 8Page - Cyrustek corporation ES51927_10 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Ver 2.9
2
10/06/25
ES51927
6000 Counts Smart DMM
Pin Assignment
SEG11
SEG10
NC
NC
SEG09
SEG08
SEG07
SEG06
SEG05
SEG04
SEG03
SEG02
SEG01
OSC2
OSC1
BKSEL
CESEL
C+
C-
V-
V-
V+
V+
DGND
AGND
Pin Description
Pin No
Symbol
Type
Description
1
AGND
P
Analog ground.
2
LBAT
I
Low battery configuration. If 3V battery is used, connect it to DGND.
The default low-battery threshold voltage is –2.3V. If 9V battery is
used, the low battery enunciator is displayed when the voltage of
this pin is less than VRH (-1.2V)
3
CREF+
I/O Positive connection for reference capacitor.
4
CREF-
I/O Negative connection for reference capacitor.
5
CINT
O
Integrator output. Connect to integral capacitor
6
CAZ
I
Auto-zero capacitor connection.
7
BUFF
O
Buffer output pin. Connect to integral resistor
8
RAZ
O
Buffer output pin in high-speed mode. Connect to high-speed integral
resistor.
9
IVSH
I
High current measurement input.
NC
NC
NC
NC
NC
ACEN
BUZOUT
APOSEL
BUZIN
SLEEP
R1K
R9K-
CA+
CA-
NC
VR1
VA-
VA+
ADP
SGND
VR
VRH
NC
OHMC1
OHMC2
50
45
40
35
30
80
85
90
95
Cyrustek.
com.tw
ES51927
100


Similar Part No. - ES51927_10

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
More results

Similar Description - ES51927_10

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com