Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6729DWJ10 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6729DWJ10
Description  256K x 4 Bit Fast Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6729DWJ10 Datasheet(HTML) 7 Page - Motorola, Inc

  MCM6729DWJ10 Datasheet HTML 1Page - Motorola, Inc MCM6729DWJ10 Datasheet HTML 2Page - Motorola, Inc MCM6729DWJ10 Datasheet HTML 3Page - Motorola, Inc MCM6729DWJ10 Datasheet HTML 4Page - Motorola, Inc MCM6729DWJ10 Datasheet HTML 5Page - Motorola, Inc MCM6729DWJ10 Datasheet HTML 6Page - Motorola, Inc MCM6729DWJ10 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MCM6729D
7
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
32–LEAD
400 MIL SOJ
CASE 857A–02
T
0.25 (0.010)
A
B
S
S
S
T
0.17 (0.007)
A
B
S
S
S
T
0.17 (0.007)
B
A
S
S
S
T
0.17 (0.007)
B
A
S
S
S
L
32
17
16
1
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
E
F
G
K
L
N
P
R
S
20.83
10.03
3.26
0.41
2.24
0.67
0.89
0.76
11.05
9.27
0.77
21.08
10.29
3.75
0.50
2.48
0.81
1.14
1.14
11.30
9.52
1.01
0.820
0.395
0.128
0.016
0.088
0.026
0.035
0.030
0.435
0.365
0.030
0.830
0.405
0.148
0.020
0.098
0.032
0.045
0.045
0.445
0.375
0.040
1.27 BSC
0.64 BSC
0.050 BSC
0.025 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TO BE DETERMINED AT PLANE -T-.
4. DIMENSION A & B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
5. DIMENSION A & B INCLUDE MOLD MISMATCH AND
ARE DETERMINED AT THE PARTING LINE.
G
K
D 32 PL
DETAIL Z
S RADIUS
R
-B-
P
F 32 PL
N
NOTE 3
NOTE 3
DETAIL Z
C
E
-A-
0.10 (0.004)
SEATING
PLANE
-T-
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MCM6729D/D


Similar Part No. - MCM6729DWJ10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729BWJ10 MOTOROLA-MCM6729BWJ10 Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729BWJ10R MOTOROLA-MCM6729BWJ10R Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729BWJ12 MOTOROLA-MCM6729BWJ12 Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6729DWJ10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com