Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM67A518FN12 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM67A518FN12
Description  32K x 18 Bit Asynchronous/Latched Address Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67A518FN12 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM67A518FN12 Datasheet HTML 1Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 2Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 3Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 4Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 5Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 6Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 7Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 8Page - Motorola, Inc MCM67A518FN12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MCM67A518
3
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (Voltages referenced to VSS = 0 V)
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3**
V
Input Low Voltage
VIL
– 0.5
*
0.8
V
** VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1.0
µA
Output Leakage Current (G = VIH)
Ilkg(O)
± 1.0
µA
AC Supply Current (G = VIH, Iout = 0 mA, All Inputs = VIL or VIH, VIL = 0.0 V and
VIH ≥ 3.0, Cycle Time ≥ tAVAV min)
ICCA10
ICCA12
ICCA15
290
275
260
mA
AC Standby Current (E = VIH, Iout = 0 mA, All Inputs = VIL and VIH, VIL = 0.0 V and
VIH ≥ 3.0 V, f = fmax)
ISB1
75
mA
CMOS Standby Current (E
≥ VCC – 0.2, All Inputs ≥ VCC – 0.2 V or ≤ 0.2 V,
f = fmax)
ISB2
30
mA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
3.3
V
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Characteristic
Symbol
Typ
Max
Unit
Input Capacitance (All Pins Except DQ0 – DQ17)
Cin
4
5
pF
Input/Output Capacitance (DQ0 – DQ17)
CI/O
6
8
pF


Similar Part No. - MCM67A518FN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67A618 MOTOROLA-MCM67A618 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN10 MOTOROLA-MCM67A618BFN10 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN12 MOTOROLA-MCM67A618BFN12 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN15 MOTOROLA-MCM67A618BFN15 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
More results

Similar Description - MCM67A518FN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618 MOTOROLA-MCM67A618 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6206D MOTOROLA-MCM6206D Datasheet
162Kb / 8P
   32K x 8 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com