Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM67A618FN10 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM67A618FN10
Description  64K x 18 Bit Asychronous/Latched Address Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67A618FN10 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM67A618FN10 Datasheet HTML 1Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 2Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 3Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 4Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 5Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 6Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 7Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 8Page - Motorola, Inc MCM67A618FN10 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MCM67A618
4
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
Figure 1 Unless Otherwise Noted
. . . . . . . . . . . . . . . . . .
ASYNCHRONOUS READ CYCLE TIMING (See Notes 1 and 2)
MCM67A618–10
MCM67A618–12
MCM67A618–15
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Times
tAVAV
10
12
15
ns
3
Access Times:
Address Valid to Output Valid
E Low to Output Valid
Output Enable Low to Output Valid
tAVQV
tELQV
tGLQV
10
10
5
12
12
6
15
15
7
ns
4
Output Hold from Address Change
tAXQX
4
4
4
ns
Output Buffer Control:
E Low to Output Active
G Low to Output Active
E High to Output High–Z
G High to Output High–Z
tELQX
tGLQX
tEHQZ
tGHQZ
3
1
2
2
5
5
3
1
2
2
6
6
3
1
2
2
7
7
ns
5
Power Up Time
tELICCA
0
0
0
ns
NOTES:
1. AL and DL are equal to VIH for all asynchronous cycles.
2. Both Write Enable signals (LW, UW) are equal to VIH for all read cycles.
3. All read cycle timing is referenced from the last valid address to the first transitioning address.
4. Addresses valid prior to or coincident with E going low.
5. Transition is measured
± 500 mV from steady–state voltage with output load of Figure 1B. This parameter is sampled and not 100% tested.
At any given voltage and temperature, tEHQZ is less than tELQX and tGHQZ is less than tGLQX for a given device.
AC TEST LOADS
Figure 1A
Figure 1B
5 pF
+ 5 V
OUTPUT
480
255
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V


Similar Part No. - MCM67A618FN10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN10 MOTOROLA-MCM67A618BFN10 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN12 MOTOROLA-MCM67A618BFN12 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN15 MOTOROLA-MCM67A618BFN15 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
More results

Similar Description - MCM67A618FN10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A518 MOTOROLA-MCM67A518 Datasheet
191Kb / 12P
   32K x 18 Bit Asynchronous/Latched Address Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com