Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51955 Datasheet(PDF) 5 Page - Cyrustek corporation

Part # ES51955
Description  Dual Display/Inrush
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51955 Datasheet(HTML) 5 Page - Cyrustek corporation

  ES51955 Datasheet HTML 1Page - Cyrustek corporation ES51955 Datasheet HTML 2Page - Cyrustek corporation ES51955 Datasheet HTML 3Page - Cyrustek corporation ES51955 Datasheet HTML 4Page - Cyrustek corporation ES51955 Datasheet HTML 5Page - Cyrustek corporation ES51955 Datasheet HTML 6Page - Cyrustek corporation ES51955 Datasheet HTML 7Page - Cyrustek corporation ES51955 Datasheet HTML 8Page - Cyrustek corporation ES51955 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
v2.3
10/06/25
5
ES51955(5000counts)
Dual Display/Inrush
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
(AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
(V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃
Electrical Characteristics
TA=25℃, V- = -3.0V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-2.5
-3.0
-3.5
V
IDD
Normal operation
1.9
2.2
mA
Operating supply current
In DCV+DCA mode
ISS
In sleep mode
5
10
µA
Voltage roll-over error
REV
10MΩ input resistor
±0.1
%F.S1
Voltage nonlinearity
NLV
Best case straight
line
±0.1
%F.S1
Input Leakage
-10
1
10
PA
Zero input reading
10MΩ input resistor
-000
000
+000
counts
Band-gap reference voltage
VREF
100KΩ resistor
between VRH and
AGND
-1.29
-1.23
-1.17
V
Open circuit voltage for 500Ω
measurement
-3.0
V
Open circuit voltage for other Ω
measurement
-1.19
-1.08
-0.97
V
Peak to peak backplane
drive voltage
-3.5V
V- -2.5V
2.9
3.1
3.3
V
Internal pull-high to 0V
current
Ipull-up
Pin97-118 inputs
1.2
µA
±1%
40-400
AC frequency response at 5.000V
range
±5%
400-2000
HZ
Vt1
2.15
Multi-level low battery detector
Vt2
LBAT9 vs. V-
1.82
V
3dB Bandwidth for ACA mode
f3dB
Low-pass-filter ON
4
kHz


Similar Part No. - ES51955

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51950 CYRUSTEK-ES51950 Datasheet
631Kb / 32P
   Dual Display/Cap
More results

Similar Description - ES51955

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com