Electronic Components Datasheet Search |
|
ES51970 Datasheet(PDF) 5 Page - Cyrustek corporation |
|
ES51970 Datasheet(HTML) 5 Page - Cyrustek corporation |
5 / 26 page ver. 2.8 12/01/12 5 ES51970(6000counts) DMM Analog front end with Inrush Absolute Maximum Ratings Characteristic Rating Supply Voltage (V- to AGND) -4V Analog Input Voltage & EXTSRC pin V- -0.6 to V+ +0.6 V+ V+ ≥ (AGND/DGND+0.5V) AGND/DGND AGND/DGND ≥ (V- -0.5V) Digital Input (IO_CTRL=V-) V- -0.6 to uPVCC+0.6 Power Dissipation. Flat Package 500mW Operating Temperature 0℃ to 70℃ Storage Temperature -55℃ to 125℃ Electrical Characteristics TA=25℃, V- = -3.0V Parameter Symbol Test Condition Min. Typ. Max Units Power supply V- -2.8 -3.0 -3.2 V Operating supply current In DCV mode IDD Normal operation — 2.8 3.2 mA ISS In sleep mode — 1 3 µA SADC2 Voltage roll-over error 10MΩ input resistor — — ±0.1 %F.S1 FADC3 Voltage roll-over error 10MΩ input resistor — — ±0.5 %F.S1 SADC2 voltage nonlinearity NLV1 Best case straight line — — ±0.1 %F.S1 FADC3 voltage nonlinearity NLV2 Best case straight line — — ±1.0 %F.S1 Voltage full scale range of SADC2 VA+-VA- = 200mV — 600 630 mV Voltage full scale range of FADC3 VA+-VA- = 200mV — 600 — mV Input Leakage for VR1 input -10 1 10 pA Zero input reading 10MΩ input resistor -000 000 +000 Count Band-gap reference voltage VRH 100KΩ resistor between VRH and AGND -1.30 -1.22 -1.14 V Open circuit voltage for 600Ω range measurement — V- — V Open circuit voltage for other Ω measurement — VRH — V Internal pull-high to 0V current Between V- pin and CS — 1.2 — µA AC frequency response at 6.000V range ±1% — 40-400 — HZ ±5% — 400-2000 — OP unity gain bandwidth GB CL=10pF RL=10MΩ — 200 — kHz OP slew rate at unity gain SR — 3.5 — V/us OP input offset voltage VIO — 0.1 — mV OP input bias current IB — 10 — pA OP input common mode voltage range VICR — +2 — V 3dB frequency for LPF4 active f3dB 3dB=Full (ADP) 100 — — kHz 3dB=10k (ADP) — 10 — kHz 3dB=1k (ADP) — 1 — kHz |
Similar Part No. - ES51970 |
|
Similar Description - ES51970 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |