Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51980 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES51980
Description  DMM Analog front end with Inrush
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51980 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51980 Datasheet HTML 6Page - Cyrustek corporation ES51980 Datasheet HTML 7Page - Cyrustek corporation ES51980 Datasheet HTML 8Page - Cyrustek corporation ES51980 Datasheet HTML 9Page - Cyrustek corporation ES51980 Datasheet HTML 10Page - Cyrustek corporation ES51980 Datasheet HTML 11Page - Cyrustek corporation ES51980 Datasheet HTML 12Page - Cyrustek corporation ES51980 Datasheet HTML 13Page - Cyrustek corporation ES51980 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ver. 2.8
12/01/12
10
ES51980(6000counts)
DMM Analog front end with Inrush
The read command includes one ID byte with ten data bytes. When DATA_NEW is ready1,
MPU could send the read data command to get the result of ADC conversion
(D0/D1/D2/D3)2 or status flag from ES51980.
The next table shows the content of read command.
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ID
1
1
0
0
1
0
BUZ
R/W=1
R1
ASIGN
BSIGN
X
X
BTS0
BTS1
STA0
ALARM
R2
HF
LF
LDUTY
STA1
F_FIN
D0:0
D0:1
D0:2
R3
D0:3
D0:4
D0:5
D0:6
D0:7
D0:8
D0:9
D0:10
R4
D0:11
D0:12
D0:13
D0:14
D0:15
D0:16
D0:17
D0:18
R5
D1:0
D1:1
D1:2
D1:3
D1:4
D1:5
D1:6
D1:7
R6
D1:8
D1:9
D2:0
D2:1
D2:2
D2:3
D2:4
D2:5
R7
D2:6
D2:7
D2:8
D2:9
D2:10
D2:11
D2:12
D2:13
R8
D2:14
D2:15
D2:16
D2:17
D2:18
D3:0
D3:1
D3:2
R9
D3:3
D3:4
D3:5
D3:6
D3:7
D3:8
D3:9
D3:10
R10
D3:11
D3:12
D3:13
D3:14
D3:15
D3:16
D3:17
D3:18
1Note: DATA_NEW will be active with D1 data updated when one fast ADC (FADC) conversion finished. If
MCU access slow ADC output only, ten FADC conversion cycle delay is necessary. DATA_NEW for
frequency or capacitance mode will be active when D0 or D3 data ready.
2Note: D0/D1/D2/D3 all are binary code format. D0 is SADC output and D1 is FADC output
The ADC data output for measurement mode: F3/F2/F1/F0
F3
F2
F1
F0
Measurement mode
Read data bytes
0
0
0
0
V mode
D0(0:18), D1(0:9)
0
0
0
1
ACV + Hz mode
D0(0:18), D1(0:9), D3(0:18)
0
0
1
0
A mode
D0(0:18), D1(0:9)
0
0
1
1
ACA + Hz mode
D0(0:18), D1(0:9), D3(0:18)
0
1
0
0
Resistance mode
D0(0:18), D1(0:9)
0
1
0
1
Continuity mode
D0(0:18), D1(0:9)
0
1
1
0
Diode mode
D0(0:18), D1(0:9)
0
1
1
1
F + duty mode
D0(0:18), D2(0:18), D3(0:18)
1
0
0
0
Capacitance Mode
D0(0:18)
1
0
0
1
ADP mode
D0(0:18), D1(0:9)
1
0
1
0
ADP + Hz mode
D0(0:18), D1(0:9), D3(0:18)
1
1
1
1
Insulation mode
D0(0:18)


Similar Part No. - ES51980

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
More results

Similar Description - ES51980

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
   DMM Analog front end/Insulation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com