Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2161-24(516) Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2161-24(516)
Description  KK.045 SQ PIN LOOSE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2161-24(516) Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2161-24(516) Datasheet HTML 1Page - Molex Electronics Ltd. 2161-24(516) Datasheet HTML 2Page - Molex Electronics Ltd. 2161-24(516) Datasheet HTML 3Page - Molex Electronics Ltd. 2161-24(516) Datasheet HTML 4Page - Molex Electronics Ltd. 2161-24(516) Datasheet HTML 5Page - Molex Electronics Ltd. 2161-24(516) Datasheet HTML 6Page - Molex Electronics Ltd. 2161-24(516) Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2161
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-3117
AH2
DATE:
7/1/2008
TITLE:
KK .045 SQ PIN
LOOSE
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 2161-001
GAVERILL
AELHAG
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PART NO:
ENG NO:
PART NO:
ENG NO:
TIN
PART NO:
ENG NO:
PART NO:
ENG NO:
008500401
2161-1(102)
008500440
2161-40(102)
008500403
2161-3(102)
008500444
2161-41(102)
008500404
2161-4(102)
008500450
2161-45(102)
008500405
2161-5(102)
008500439
2161-48(102)
008500406
2161-6(102)
008500457
2161-51(102)
008500407
2161-7(102)
008500455
2161-52(102)
008500410
2161-10(102)
008500453
2161-53(102)
008500411
2161-11(102)
008500474
2161-56(102)
008500412
2161-12(102)
008500430
2161-61(102)
008500413
2161-13(102)
008500477
2161-62(102)
008500414
2161-14(102)
008500498
2161-63(102)
008500415
2161-15(102)
008500478
2161-64(102)
008500416
2161-16(102)
008500483
2161-65(102)
008500418
2161-18(102)
008500460
2161-66(102)
008500419
2161-19(102)
008500552
2161-67(102)
008500420
2161-20(102)
008500493
2161-68(102)
008500421
2161-21(102)
008500485
2161-69(102)
008500422
2161-22(102)
008500492
2161-70(102)
008500423
2161-23(102)
008500473
2161-71(102)
008500424
2161-24(102)
008500495
2161-75(102)
008500432
2161-26(102)
008500458
2161-89(102)
008500431
2161-28(102)
008500551
2161-90(102)
008500448
2161-30(102)
2161-91(102)
008500435
2161-35(102)
008500400
2161-92(102)
008500436
2161-36(102)
2161-93(102)
008500443
2161-37(102)
008500497
2161-94(102)
008500438
2161-38(102)
008500553
2161-96(102)
008500494
2161-99(102)


Similar Part No. - 2161-24(516)

ManufacturerPart #DatasheetDescription
logo
Heyco.
2161 HEYCO-2161 Datasheet
106Kb / 1P
   Snap Bushings
logo
Littelfuse
2161.25 LITTELFUSE-2161.25 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
2161.25 LITTELFUSE-2161.25 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216100 LITTELFUSE-216100 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216100P LITTELFUSE-216100P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 2161-24(516)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
   PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
Molex Electronics Ltd.
026202031 MOLEX-026202031 Datasheet
162Kb / 1P
   WAFER FLAT MOLDED KK 156 .045 DIAMETER PINS
98/10/09
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
   FS24-045
logo
FCI connector
76196-014LF FCI-CONNECTOR-76196-014LF Datasheet
194Kb / 3P
   TRI-PIN LOOSE PIECE
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
FCI connector
48115 FCI-CONNECTOR-48115 Datasheet
134Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
logo
First Components Intern...
48115 FCI-48115 Datasheet
124Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
Sep 04, 2009
logo
List of Unclassifed Man...
66182-1 ETC1-66182-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
66180-1 ETC1-66180-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com