Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH2540FA Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH2540FA
Description  Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH2540FA Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH2540FA Datasheet HTML 1Page - Siemens Semiconductor Group SFH2540FA Datasheet HTML 2Page - Siemens Semiconductor Group SFH2540FA Datasheet HTML 3Page - Siemens Semiconductor Group SFH2540FA Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SFH 2540/FA
SFH 2545/FA
Semiconductor Group
4
Relative spectral sensitivity
Srel = f (λ)
SFH 2540/2545
Photocurrent IP = f (Ee), VR = 5 V
Open-circuit-voltage VO= f (Ee)
SFH 2540 FA/2545 FA
Relative spectral sensitivity
Srel = f (λ)
SFH 2540 FA/2545 FA
Total power dissipation
Ptot = f (TA)
Photocurrent IP = f (Ev), VR = 5 V
Open-circuit voltage VO = f (Ev)
SFH 2540/2545
Dark current
IR = f (VR), E = 0
Directional characteristics Srel = f (ϕ)


Similar Part No. - SFH2540FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH250 SIEMENS-SFH250 Datasheet
126Kb / 4P
   PIN PHOTODIODE
logo
Infineon Technologies A...
SFH250 INFINEON-SFH250 Datasheet
192Kb / 6P
   Plastic Fiber Optic Photodiode Detector Plastic Connector Housing
2004-03-19
logo
AVAGO TECHNOLOGIES LIMI...
SFH250 AVAGO-SFH250 Datasheet
520Kb / 4P
   Receiver with analog output for polymer optical fiber applications
logo
OSRAM GmbH
SFH2500 OSRAM-SFH2500 Datasheet
275Kb / 7P
   Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
SFH2500FA OSRAM-SFH2500FA Datasheet
275Kb / 7P
   Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
More results

Similar Description - SFH2540FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH203 SIEMENS-SFH203 Datasheet
225Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH229 SIEMENS-SFH229 Datasheet
250Kb / 5P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2801 SIEMENS-SFH2801 Datasheet
69Kb / 5P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH216 SIEMENS-SFH216 Datasheet
200Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH203P SIEMENS-SFH203P Datasheet
223Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH214 SIEMENS-SFH214 Datasheet
204Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
SFH213 SIEMENS-SFH213 Datasheet
224Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH217 SIEMENS-SFH217 Datasheet
152Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPX63 SIEMENS-BPX63 Datasheet
194Kb / 4P
   Silizium-Fotodiode mit sehr kleinem Dunkelstrom Silicon Photodiode with Very Low Dark Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com