Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-31-1785 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 11-31-1785
Description  Hawk Discrete Wire Termination Machine Operation Manual
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

11-31-1785 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 11-31-1785 Datasheet HTML 3Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 4Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 5Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 6Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 7Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 8Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 9Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 10Page - Molex Electronics Ltd. 11-31-1785 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Hawk Discrete Wire Termination Machine
Order No TM-011200949
Release Date: 02-16-97
UNCONTROLLED COPY
Page 7 of 39
Revision: D
Revision Date: 03-03-11
Figure 1-2
CIRCUIT SIZE
CYCLE COUNTER
ALARM
INDICATOR
POWER ON
BUTTON
RESET
BUTTON
PAWL RELEASE
1.7
Installation
Foot Pedal
Connect the 5-pin DIN plug on the foot pedal to the
5-pin socket in the right side of the terminator control
assembly.
Note the locking action of the plug.
Power Connection
A power cord is supplied for standard 110VAC
service. It is installed into the control box; plug the
other end into a grounded outlet.
The Hawk Discrete Wire Termination Machine will
operate on 110VAC or 220VAC, 50 or 60 Hz.
WARNING: When servicing this machine,
disconnect this power cord to insure complete
safety to service person.
Air Connection
Because there are so many variations in air
connections, Molex does not supply any type of
fitting for air installation.
The user must supply a fitting of his choice to attach
air of the correct pressure and volume to the 1/4
NPT port on the F-R-L unit. Use 1/4 inch line
minimum. Once attached, adjust the regulator on
the F-R-L to 80-85psig. Air will not flow into the
machine proper until power is on and the "RESET"
button is pressed.


Similar Part No. - 11-31-1785

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-31-1570 MOLEX11-11-31-1570 Datasheet
106Kb / 3P
   OPERATING INSTRUCTIONS
11-31-1570 MOLEX11-11-31-1570 Datasheet
28Kb / 1P
   IDT - Manual - Handtool
11-31-1570 MOLEX11-11-31-1570 Datasheet
22Kb / 1P
   IDT - Manual - Adapter Kit
11-31-1570 MOLEX11-11-31-1570 Datasheet
29Kb / 1P
   IDT - Manual - Handtool
11-31-1570 MOLEX11-11-31-1570 Datasheet
28Kb / 1P
   IDT - Manual - Handtool
More results

Similar Description - 11-31-1785

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0623000500 MOLEX-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
10/02/2017
62300-0700 MOLEX11-62300-0700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000500 MOLEX11-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
62300-0500 MOLEX11-62300-0500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000700 MOLEX11-0623000700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000800 MOLEX11-0623000800 Datasheet
30Kb / 1P
   Mini-Cam IV Discrete Wire Termination Machine
0623003100 MOLEX11-0623003100 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator
0623004900 MOLEX11-0623004900 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator for Rebuilt CE Approved
62300-2900 MOLEX-62300-2900 Datasheet
628Kb / 1P
   Flat Flexible Cable and IDT Ribbon Cable Hawk Machine
0623001400 MOLEX11-0623001400 Datasheet
61Kb / 1P
   Termination Machine, Modular Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com