Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51997 Datasheet(PDF) 4 Page - Cyrustek corporation

Part # ES51997
Description  DMM Analog front end
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51997 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES51997 Datasheet HTML 1Page - Cyrustek corporation ES51997 Datasheet HTML 2Page - Cyrustek corporation ES51997 Datasheet HTML 3Page - Cyrustek corporation ES51997 Datasheet HTML 4Page - Cyrustek corporation ES51997 Datasheet HTML 5Page - Cyrustek corporation ES51997 Datasheet HTML 6Page - Cyrustek corporation ES51997 Datasheet HTML 7Page - Cyrustek corporation ES51997 Datasheet HTML 8Page - Cyrustek corporation ES51997 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ver. 1.7
12/01/12
4
ES51997(60000counts)
DMM Analog front end
49
CA+
IO Positive auto-zero capacitor connection for capacitor measurement
50
OHMC4
O
Filter capacitor connection for resistance mode.
51
NC
-
Not connected
52
NC
-
Not connected
53
NC
-
Not connected
54
NC
-
Not connected
55
R9K
O
Connect to a precise 9KΩ resister for capacitor measurement.
56
R1K
O
Connect to a precise 1KΩ resister for capacitor measurement.
57
LPC1
O
Capacitor C1 connection for internal low-pass filter
58
LPC2
O
Capacitor C2 connection for internal low-pass filter
59
LPC3
O
Capacitor C3 connection for internal low-pass filter
60
LPFOUT
O
Capacitor C1 connection for internal low-pass filter
61
PMIN
O
Minimum peak hold output
62
PMAX
O
Maximum peak hold output.
63
CPKIN
I
Bypass capacitor for peak mode
64
STBEEP
O
Fast low-impedance sensed output for CONT./Diode mode Build-in a
internal comparator for OVX pin.
65
FREQ
I
Frequency counter input, offset V-/2 internally by the chip.
66-77
NC
-
Not connected
78
OSC2
O
Crystal oscillator output connection
79
OSC1
I
Crystal oscillator input connection
80
CS
I
Set to high to enable ES51997. Set to low to enter sleep mode
81
IO_CTRL
I
MPU I/O level LOW setting. Connect to DGND or V-.
82
BZOUT
I
Buzzer frequency output. Normal low state.
83
NC
-
Not connected
84
DATA_NEW
O
New ADC data ready
85
SCLK
I
Serial clock input
86
SDATA
IO
Serial data input/output
87
C+
O
Positive capacitor connection for on-chip DC-DC converter.
88
C-
O
Negative capacitor connection for on-chip DC-DC converter.
89
LBAT
I
Low battery configuration input.
90
V-
P
Negative supply voltage.
91
V-
P
Negative supply voltage.
92
uPVCC
P
Switch 5 for function selection.
93
V+
O
Output of on-chip DC-DC converter.
94
V+
O
Output of on-chip DC-DC converter.
95
DGND
G
Digital ground.
96
AGND
G
Analog ground.
97
AGND
G
Analog ground.
98
CH+
IO
Positive connection for reference capacitor of high-speed A/D.
99
CH-
IO
Negative connection for reference capacitor of high-speed A/D.
100
CIH
O
High-speed integrator output. Connect to integral capacitor.


Similar Part No. - ES51997

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
More results

Similar Description - ES51997

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
   DMM Analog front end/Insulation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
   DMM Analog front end with Inrush
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com