Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG506A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG506A
Description  Monolithic CMOS Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG506A Datasheet HTML 2Page - Maxim Integrated Products DG506A Datasheet HTML 3Page - Maxim Integrated Products DG506A Datasheet HTML 4Page - Maxim Integrated Products DG506A Datasheet HTML 5Page - Maxim Integrated Products DG506A Datasheet HTML 6Page - Maxim Integrated Products DG506A Datasheet HTML 7Page - Maxim Integrated Products DG506A Datasheet HTML 8Page - Maxim Integrated Products DG506A Datasheet HTML 9Page - Maxim Integrated Products DG506A Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Monolithic CMOS Analog Multiplexers
6
Switching Time Test Circuits (continued)
Figure 2a. Enable Switching Time
Figure 2b. Enable Switching Time
Figure 3. Break-Before-Make
Figure 4. Timing Diagrams for Figures 1, 2, and 3
-5V
S1
A1
A2
A0
EN
A3
+15V
V+
V-
-15V
DG506A
GND
SWITCH
OUTPUT
VO
1kΩ
D
50Ω
LOGIC
INPUT
S2 THRU S16
35pF
-5V
S1b
A1
A2
A0
EN
+15V
V+
V-
-15V
DG507A
GND
SWITCH
OUTPUT
VO
1kΩ
35pF
Db
50Ω
LOGIC
INPUT
S1a THRU S4a, Da,
S2b, S3b, S4b
+2.4V
VS = +5V
ALL S AND Da
A0 A1 A2 A3
EN
+15V
V+
V-
-15V
DG506A
DG507A
GND
SWITCH
OUTPUT
VO
1kΩ
Db, D
50Ω
LOGIC
INPUT
35pF
LOGIC INPUT
tr < 20ns
ti < 20ns
SWITCH OUTPUT
VO
(SEE FIGURE 1)
TRANSITION
TIME
SWITCH OUTPUT
VO
(SEE FIGURE 2)
ENABLE t(ON)/t(OFF)
TIME
SWITCH OUTPUT
VO
(SEE FIGURE 3)
3V
50%
0
tON (En)
0.1 VO
0
0.9 VO
VO
VS
VS
50%
0V
S8 ON
toff (En)
VS1
0.8 VS1
0.8 VS8
VS8
ttransition
S1 ON
ttransition
0
OPEN TIME
BREAK-BEFORE-MAKE
INTERVAL
tOPEN


Similar Part No. - DG506A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
logo
Intersil Corporation
DG506A INTERSIL-DG506A Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
logo
Vishay Siliconix
DG506A-MIL VISHAY-DG506A-MIL Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
More results

Similar Description - DG506A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com