Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1308U-3+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1308U-3+
Description  Low-Current I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1308U-3+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1308U-3+ Datasheet HTML 3Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 4Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 9Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 10Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
DS1308
Low-Current I2C RTC with 56-Byte NV RAM
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
X1
32.768kHz Crystal Connections. The internal oscillator circuitry is designed for use with a crystal
having a specified load capacitance (CL) of 6pF.
Note: For more information about crystal selection and crystal layout considerations, refer to
Application Note 58: Crystal Considerations with Maxim Real-Time Clocks (RTCs).
2
X2
3
VBAT
Battery Supply Input for Lithium Cell or Other Energy Source. Battery voltage must be held between
the minimum and maximum limits for proper operation. Diodes placed in series between the backup
source and the VBAT pin can prevent proper operation. If a backup supply is not required, VBAT
must be grounded. UL recognized to ensure against reverse charging when used with a lithium cell.
4
GND
Ground
5
SDA
Serial Data Input/Output for the I2C serial interface. It is an open-drain output and requires an
external pullup resistor. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC.
6
SCL
Serial Clock Input for the I2C serial interface. Used to synchronize data movement on the serial
interface. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC.
7
SQW/CLKIN
Square-Wave Output/Clock Input. This I/O pin is used to output one of four square-wave
frequencies (1Hz, 4kHz, 8kHz, 32kHz) or accept an external clock input to drive the RTC counter.
In the output mode (ECLK = 0), it is open drain and requires an external pullup resistor. The
square-wave operates on VCC, or on VBAT with BBCLK = 1. The pullup voltage can be up to 5.5V,
regardless of the voltage on VCC. If not used, this pin may be left unconnected.
8
VCC
Primary Power Supply. Decouple the power supply with a 0.1FF capacitor to ground.
µSOP
27
SQW/CLKIN
X2
18
VCC
X1
SCL
VBAT
36
SDA
GND
45
DS1308
TOP VIEW
+


Similar Part No. - DS1308U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 10 DS1308U-3+* ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com