Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVL-T8-2WW180-ET2 Datasheet(PDF) 10 Page - P-tec Corporation

Part # LVL-T8-2WW180-ET2
Description  Light Emitting Diode (LED) T8 Series saves energy and lasts a long life.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

LVL-T8-2WW180-ET2 Datasheet(HTML) 10 Page - P-tec Corporation

Back Button LVL-T8-2WW180-ET2 Datasheet HTML 3Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 4Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 5Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 6Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 7Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 8Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 9Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 10Page - P-tec Corporation LVL-T8-2WW180-ET2 Datasheet HTML 11Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SPECIFICATION
Product Name:LED Downlight
L
- 9 -
For Figure A1 circuit, after removing the starter, the LED tube can be installed directly onto the G13 base
For Figure B1 circuit, please removing the electronic ballast, and connect L and N to the joints in the base
separately
After adjusting the circuit, install the LED tube in the same way as installing the traditional fluorescent tube
light.
Turn on the power supply of the base to check whether the tube light is working properly or not.
Precautions
LEDs are static sensitive devices. Precautions should be taken to ensure that LEDs are well protected from
ESD during handling.
ESD protection for GaP and AlGaAS based chips is still necessary even though the chips are safe in low
static-electric discharge events
AllnGap, GaN and/or InGaN based chips are STATIC SENSITIVE devices and ESD protection must be taken into
consideration in the initial design stages.
Do not operate LEDs in reverse bias.
Warranty and Liability Information
Two years limited warranty.
The information contained herein is presented only as a guide for the applications of our products.
No responsibility is assumed by factory for any infringements of intellectual property or other infringements of


Similar Part No. - LVL-T8-2WW180-ET2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG1A-E5V1-CG-EMS PF-LVL-A7-BG1A-E5V1-CG-EMS Datasheet
237Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG4B-E5PU-CG-EMS PF-LVL-A7-BG4B-E5PU-CG-EMS Datasheet
242Kb / 3P
   Vibration Limit Switch
2020-10-05
More results

Similar Description - LVL-T8-2WW180-ET2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
logo
List of Unclassifed Man...
7P301V330J032 ETC2-7P301V330J032 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
NTE Electronics
NTE30008 NTE-NTE30008 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com