Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1624 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1624
Description  Digital Thermometer and Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1624 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1624 Datasheet HTML 4Page - Maxim Integrated Products DS1624 Datasheet HTML 5Page - Maxim Integrated Products DS1624 Datasheet HTML 6Page - Maxim Integrated Products DS1624 Datasheet HTML 7Page - Maxim Integrated Products DS1624 Datasheet HTML 8Page - Maxim Integrated Products DS1624 Datasheet HTML 9Page - Maxim Integrated Products DS1624 Datasheet HTML 10Page - Maxim Integrated Products DS1624 Datasheet HTML 11Page - Maxim Integrated Products DS1624 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS1624
8 of 20
Temperature is represented in the DS1624 in terms of a 0.03125
°C LSB, yielding the following 13–bit
format:
OPERATION AND CONTROL
A configuration/status register is used to determine the method of operation of the DS1624 will use in a
particular application as well as indicating the status of the temperature conversion operation.
The configuration register is defined as follows:
CONFIGURATION/STATUS REGISTER
where
DONE = Conversion Done bit. “1” = Conversion complete, “0” = conversion in progress.
1SHOT = One Shot Mode. If 1SHOT is “1”, the DS1624 will perform one temperature conversion upon
receipt of the Start Convert T protocol.
If 1SHOT is “0”, the DS1624 will continuously perform
temperature conversions. This bit is nonvolatile and the DS1624 is shipped with 1SHOT = “0”.
Since the configuration register is implemented in E
2, writes to the register require 10 ms to complete.
After issuing a command to write to the configuration register, no further accesses to the DS1624 should
be made for at least 10 ms.
OPERATION – MEMORY
BYTE PROGRAM MODE
In this mode, the master sends addresses and one data byte to the DS1624.
Following a START condition, the device code (4–bit), the slave address (3 bit), and the R/ W bit, which
is logic LOW, are placed onto the bus by the master. The master then sends the Access Memory protocol.
This indicates to the addressed DS1624 that a byte with a word address will follow after it has generated
an acknowledge bit. Therefore, the next byte transmitted by the master is the word address and will be
written into the address pointer of the DS1624. After receiving the acknowledge of the DS1624, the
master device transmits the data word to be written into the addressed memory location. The DS1624
acknowledges again and the master generates a STOP condition. This initiates the internal programming
cycle of the DS1624. A repeated START condition, instead of a STOP condition, will abort the
programming operation.
During the programming cycle the DS1624 will not acknowledge any further accesses to the device until
the programming cycle is complete (approximately 10 ms.)
0
0
0
1
0
1
0
1
0
0
0
1
0
0
0
0
LSB
= +25.0625°C
MSB
DONE
1
0
0
1
0
1
1SHOT


Similar Part No. - DS1624

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1624 DALLAS-DS1624 Datasheet
594Kb / 16P
   Digital Thermometer and Memory
logo
Maxim Integrated Produc...
DS1624++ MAXIM-DS1624+ Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1624S++ MAXIM-DS1624S+ Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1624S+T&R MAXIM-DS1624S+T&R Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
More results

Similar Description - DS1624

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1624 DALLAS-DS1624 Datasheet
594Kb / 16P
   Digital Thermometer and Memory
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
   Digital Thermometer and
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com