Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH309-5 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH309-5
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH309-5 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH309-5 Datasheet HTML 1Page - Siemens Semiconductor Group SFH309-5 Datasheet HTML 2Page - Siemens Semiconductor Group SFH309-5 Datasheet HTML 3Page - Siemens Semiconductor Group SFH309-5 Datasheet HTML 4Page - Siemens Semiconductor Group SFH309-5 Datasheet HTML 5Page - Siemens Semiconductor Group SFH309-5 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
SFH 309
SFH 309 FA
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen
Ziffern gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished
by arabian figures.
1) I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe
1) I
PCEmin is the min. photocurrent of the specified group
Directional characteristics Srel = f (ϕ)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
-2
-3
-4
-5
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
SFH 309:
E
v = 1000 Ix, Normlicht/
standard light A,
V
CE = 5 V
I
PCE
I
PCE
0.4 ... 0.8
1.5
0.63 ... 1.
25
2.8
1.0 ... 2.0
4.5
1.6 ... 3.2
7.2
mA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V,
R
L = 1 kΩ
t
r, tf
567
8
µs
Kollektor-Emitter-
Sättigungsspannung
Collector-emitter saturation
voltage
I
C = IPCEmin
1)
× 0.3,
E
e = 0.5 mW/cm
2
V
CEsat
200
200
200
200
mV


Similar Part No. - SFH309-5

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH309-5 OSRAM-SFH309-5 Datasheet
292Kb / 10P
   Silicon NPN Phototransistor
SFH309-5/6 OSRAM-SFH309-5/6 Datasheet
292Kb / 10P
   Silicon NPN Phototransistor
More results

Similar Description - SFH309-5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com