Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1472AKA+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1472AKA+T
Description  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472AKA+T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1472AKA+T Datasheet HTML 1Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 2Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 3Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 4Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 5Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 6Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 7Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 8Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
300MHz-to-450MHz Low-Power,
Crystal-Based ASK Transmitter
6
Detailed Description
The MAX1472 is a highly integrated OOK/ASK transmit-
ter operating over the 300MHz to 450MHz frequency
range. The IC includes a complete PLL and a highly
efficient PA. The device can also be easily placed into
a 5nA low-power shutdown mode.
Shutdown Mode
The ENABLE pin is internally pulled down with a 15µA
current source. If the pin is left unconnected or pulled
low, the MAX1472 goes into shutdown mode, where the
supply current drops to less than 5nA. When ENABLE
is high, the IC is enabled and is ready for transmission
after 220µs (frequency settles to within 50kHz).
The 220µs turn-on time of the MAX1472 is mostly domi-
nated by the crystal oscillator startup time. Once the
oscillator is running, the 1.6MHz PLL loop bandwidth
allows fast-frequency recovery during power-amplifier
toggling.
Phase-Locked Loop
The PLL block contains a phase detector, charge
pump, integrated loop filter, VCO, 32X clock divider,
and crystal oscillator. This PLL requires no external
components, other than a crystal. The relationship
between the carrier and crystal frequency is given by:
fXTAL = fRF / 32
The lock-detect circuit prevents the PA from transmit-
ting until the PLL is locked. In addition, the device shuts
down the PA if the reference frequency is lost.
Power Amplifier (PA)
The PA of the MAX1472 is a high-efficiency, open-drain,
switch-mode amplifier. With proper output matching net-
work, the PA can drive a wide range of impedances,
including the small-loop PC board trace antenna and
any 50
Ω antenna. The output-matching network for a
50
Ω antenna is shown in the Typical Application Circuit.
The output-matching network suppresses the carrier har-
monics and transforms the antenna impedance to an
optimal impedance at PAOUT (pin 4), which is between
100
Ω and 150Ω for a 2.7V supply.
When the output matching network is properly tuned,
the PA transmits power with high efficiency. The
Typical
Application Circuit delivers 10.3dBm at 2.7V supply with
9.1mA of supply current. Thus, the overall efficiency is
44%. The efficiency of the PA itself is more than 52%.
Applications Information
Output Power Adjustment
It is possible to adjust the output power down to
-10dBm with the addition of a resistor. The addition of
the power-adjust resistor also reduces power con-
sumption. See the Supply Current and Output Power
vs. External Resistor and Supply Current vs. Output
Power graphs in the
Typical Operating Characteristics
section. It is imperative to add both a low-frequency
and a high-frequency decoupling capacitor as shown
in the
Typical Application Circuit.
Pin Description
PIN
NAME
FUNCTION
1
XTAL1
1st Crystal Input. fRF = 32 x fXTAL.
2
GND
Ground. Connect to system ground.
3
PAGND
Ground for the Power Amplifier (PA). Connect to system ground.
4
PAOUT
Power-Amplifier Output. This output requires a pullup inductor to the supply voltage, which may be part
of the output-matching network to a 50
Ω antenna.
5
ENABLE
Standby/Power-Up Input. A logic low on ENABLE places the device in standby mode.
6
DATA
OOK Data Input. Power amplifier is ON when DATA is high.
7VDD
Supply Voltage. Bypass to GND with capacitor as close to the pin as possible.
8
XTAL2
2nd Crystal Input. fRF = 32 x fXTAL.


Similar Part No. - MAX1472AKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472AKA+T MAXIM-MAX1472AKA+T Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1472AKA+T MAXIM-MAX1472AKA+T Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
More results

Similar Description - MAX1472AKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7044 MAXIM-MAX7044_11 Datasheet
151Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX7044 MAXIM-MAX7044 Datasheet
301Kb / 9P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 0; 1/04
MAX7044 MAXIM-MAX7044_09 Datasheet
258Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com