Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2614ETA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2614ETA+
Description  40MHz to 4GHz Linear Broadband Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2614ETA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2614ETA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX2614ETA+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX2612–MAX2616
40MHz to 4GHz Linear Broadband Amplifiers
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1, 3, 6, 8
GND
Ground. Connect to PCB ground plane.
2
RFIN
RF Input. Connect to an RF source through a 0.01FF DC-blocking capacitor. Internally matched to 50I.
4
EN/RBIAS
Enable (MAX2612/MAX2613/MAX2614/MAX2616). Leave unconnected for normal operation or logic-
low for disable mode operation. For applications that use the disable mode, it is recommended that the
logic-high signal be derived from a high-impedance source such as an unterminated open-collector
output or three-state (high-Z) output. Logic-low should be a low-impedance source or a switch to
ground capable of sinking 10FA.
RBIAS (MAX2615). Connect to a 21.5kI bias resistor to ground. The value can be adjusted to trade off
supply current for OIP3. See the Applications Information section for further detail.
5
VCC
DC Supply Input. Place 470pF and 10nf decoupling capacitors as close to pin as possible. Also place
a 10FF bulk capacitor on VCC; this must be a tantalum capacitor with ESR > 2 and can be placed
further away.
7
RFOUT
RF Output and DC Feed. Connect to DC supply through a 220nH inductor. Connect to output load
through a 0.01FF DC-blocking capacitor.
EP
Exposed Pad. Connect to PCB ground plane by a 3 x 3 array of vias. Connect to ground lead
(1, 3, 6, 8) land patterns and to layer 1 ground plane with thermal relief traces.
1
+
3
EP
4
86
5
GND
GND
VCC
MAX2612–MAX2616
2
7
RFOUT
GND
GND EN/RBIAS
RFIN
TDFN
TOP VIEW


Similar Part No. - MAX2614ETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2614ETA++ MAXIM-MAX2614ETA+ Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
More results

Similar Description - MAX2614ETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
logo
RF Micro Devices
NBB-500 RFMD-NBB-500_07 Datasheet
283Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_1 Datasheet
117Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500 RFMD-NBB-500 Datasheet
217Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-502 RFMD-NBB-502 Datasheet
213Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_06 Datasheet
186Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500 RFMD-NBB-500_13 Datasheet
570Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com