Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2687 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2687
Description  GPS/GNSS Low-Noise Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2687 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2687 Datasheet HTML 1Page - Maxim Integrated Products MAX2687 Datasheet HTML 2Page - Maxim Integrated Products MAX2687 Datasheet HTML 3Page - Maxim Integrated Products MAX2687 Datasheet HTML 4Page - Maxim Integrated Products MAX2687 Datasheet HTML 5Page - Maxim Integrated Products MAX2687 Datasheet HTML 6Page - Maxim Integrated Products MAX2687 Datasheet HTML 7Page - Maxim Integrated Products MAX2687 Datasheet HTML 8Page - Maxim Integrated Products MAX2687 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GPS/GNSS Low-Noise Amplifiers
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2687/MAX2689/MAX2694 EV kit, VCC = 1.6V to 3.6V, TA = -40NC to +85NC, fRFIN = 1575.42MHz. Typical values are at VCC =
2.85V and TA = +25NC, unless otherwise noted.) (Note 3)
Note 3: Min and max limits guaranteed by test at TA = +25°C and guaranteed by design and characterization at TA = -40°C and
TA = +85°C, unless otherwise noted.
Note 4: Min and max limits guaranteed by test at TA = +25°C.
Note 5: Min limit guaranteed by design and characterization.
Note 6: Measured with the two tones located at 1MHz and 2MHz offset from the center of the GPS band with -27dBm/tone for the
MAX2687, -30dBm/tone for the MAX2689, and -24dBm/tone for the MAX2694.
Note 7: Measured with input tones at 1713MHz (-27dBm) and 1851MHz (-39dBm).
Note 8: Measured with a tone located at the center of the GPS band.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Noise Figure
VCC = 1.6V to 3.3V
MAX2687
0.85
dB
MAX2689
1.2
MAX2694
0.97
In-Band 3rd-Order Input
Intercept Point
(Note 6)
MAX2687
5.5
dBm
MAX2689
5.1
MAX2694
6.85
Out-of-Band 3rd-Order Input
Intercept Point
(Note 7)
MAX2687
9.146
dBm
MAX2689
8
MAX2694
8.644
Input 1dB Compression Point
(Note 8)
MAX2687
-9.3
dBm
MAX2689
-8.9
MAX2694
-2.25
Input Return Loss
MAX2687
7.8
dB
MAX2689
9
MAX2694
16.8
Output Return Loss
MAX2687
20.7
dB
MAX2689
15.2
MAX2694
11.6
Reverse Isolation
MAX2687
43.9
dB
MAX2689
43.3
MAX2694
21.5


Similar Part No. - MAX2687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX268 MAXIM-MAX268 Datasheet
2Mb / 24P
   Pin Programmable Universal and Bandpass Filters
19-0597; Rev 3; 7/98
MAX268 MAXIM-MAX268 Datasheet
4Mb / 28P
   Pin Programmable Universal and Bandpass Filters
Rev 4; 12/07
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2680 MAXIM-MAX2680 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
More results

Similar Description - MAX2687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2686 MAXIM-MAX2686 Datasheet
905Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 8/10
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
SKY65605 SKYWORKS-SKY65605_21 Datasheet
190Kb / 2P
   BDS-GPS-GNSS Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com