Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2694EWS+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2694EWS+T
Description  GPS/GNSS Low-Noise Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2694EWS+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2694EWS+T Datasheet HTML 3Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 4Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 5Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 6Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 7Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 8Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 9Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 10Page - Maxim Integrated Products MAX2694EWS+T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GPS/GNSS Low-Noise Amplifiers
10
Applications Information
A properly designed PCB is essential to any RF micro-
wave circuit. Use controlled-impedance lines on all
high-frequency inputs and outputs. Bypass VCC with
decoupling capacitors located close to the device. For
long VCC lines, it may be necessary to add decoupling
capacitors. Locate these additional capacitors further
away from the device package. Proper grounding of
the GND bump is essential. If the PCB uses a topside
RF ground, connect it directly to the GND bump. For a
board where the ground is not on the component layer,
connect the GND bump to the board with multiple vias
close to the package.
Refer to www.maxim-ic.com/datasheet/index.mvp/id/6932/t/do
for the MAX2687/MAX2689/MAX2694 EV kit schematic,
Gerber data, PADS layout file, and BOM information.
Chip Information
PROCESS: SiGe BiCMOS
Table 6. MAX2694 Typical Noise Parameters (VCC = 2.85V, TA = +25NC)
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Ordering Information
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
FREQUENCY (MHz)
FMIN (dB)
|GOPT|
|GOPT| ANGLE
RN (I)
1550
0.75
0.44
48
9.06
1560
0.75
0.44
48
9.04
1570
0.75
0.44
48
9.02
1575
0.75
0.43
49
9.01
1580
0.75
0.43
49
9.00
1590
0.75
0.43
49
8.98
1600
0.75
0.43
49
8.96
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
4 WLP
W40A0+1
21-0480
Refer to
Application
Note 1891
PART
TEMP RANGE
PIN-PACKAGE
MAX2687EWS+T
-40NC to +85NC
4 WLP
MAX2689EWS+T
-40NC to +85NC
4 WLP
MAX2694EWS+T
-40NC to +85NC
4 WLP


Similar Part No. - MAX2694EWS+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2690 MAXIM-MAX2690 Datasheet
99Kb / 10P
   Low-Noise, 2.5GHz Downconverter Mixer
19-1282; Rev 0; 10/97
MAX2690EUB MAXIM-MAX2690EUB Datasheet
99Kb / 10P
   Low-Noise, 2.5GHz Downconverter Mixer
19-1282; Rev 0; 10/97
MAX2691 MAXIM-MAX2691 Datasheet
1Mb / 7P
   L2 Band GPS Low-Noise Amplifier
Rev 0; 12/11
MAX2692 MAXIM-MAX2692 Datasheet
1Mb / 10P
   WLAN/WiMAX Low-Noise Amplifiers
Rev 0; 9/11
MAX2692EWST MAXIM-MAX2692EWST Datasheet
1Mb / 10P
   WLAN/WiMAX Low-Noise Amplifiers
Rev 0; 9/11
More results

Similar Description - MAX2694EWS+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2686 MAXIM-MAX2686 Datasheet
905Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 8/10
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
SKY65605 SKYWORKS-SKY65605_21 Datasheet
190Kb / 2P
   BDS-GPS-GNSS Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com