Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9106EP Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9106EP
Description  Three Port Ethernet Switch Controller with 32-bit PCI Interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106EP Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9106EP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DM9106EP Product Brief
Three Port Ethernet Switch Controller with 32-bit
PCI Interface
March 2009 Rev.1.0
The DM9106 is a fully integrated and cost-effective fast Ethernet switch
controller with two ports 10M/100M PHY, one port MII/RMII/RGMII interface,
and PCI bus interface. The controller provides basic Layer-2 switch functions
and advance IEEE 802.1Q VLAN, priority queuing scheme, IGMP snooping
protocol. The integrated two ports PHY are compliant with IEEE 802.3u
standards. The MII/RMII/RGMII interface provides the flexibility to connect
Ethernet 10/100/1000M PHY devices. The DM9106 provides direct interface to
the PCI bus. The PCI bus mode is fully complies with PCI 2.2 spec. and
supports bus master mode to achieve the high performance.
Block Diagram
MII/RMII
interface
Address
Learning
SRAM
Controller
LED Control
Switching
Engine
Control
& Status
10/100PHY
10/100 PHY
Port 0
Port 1
Port 2
EEPROM
Interface
Control/
Statistic
Registers
PCI Bus interface
Bandwidth
LEDs


Similar Part No. - DM9106EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
547Kb / 92P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results

Similar Description - DM9106EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
   Three Port Ethernet Switch Controller with PCI Interface
DM9016EP DAVICOM-DM9016EP Datasheet
39Kb / 2P
   Three Port Ethernet Switch Controller with 8/16/32-bit Processor Interface
DM9013EP DAVICOM-DM9013EP Datasheet
56Kb / 2P
   Three Port Ethernet Switch Controller with 8/16/32-bit
logo
Microchip Technology
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
KSZ8851-16MQL MICREL-KSZ8851-16MQL Datasheet
681Kb / 89P
   Single-Port Ethernet MAC Controller with 8/16-Bit or 32-Bit Non-PCI Interface
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
   Single-Port Ethernet MAC Controller with PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
   Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
logo
Davicom Semiconductor, ...
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com