Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-29-1803 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 50-29-1803
Description  KK.045 SQ PIN LOOSE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

50-29-1803 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  50-29-1803 Datasheet HTML 1Page - Molex Electronics Ltd. 50-29-1803 Datasheet HTML 2Page - Molex Electronics Ltd. 50-29-1803 Datasheet HTML 3Page - Molex Electronics Ltd. 50-29-1803 Datasheet HTML 4Page - Molex Electronics Ltd. 50-29-1803 Datasheet HTML 5Page - Molex Electronics Ltd. 50-29-1803 Datasheet HTML 6Page - Molex Electronics Ltd. 50-29-1803 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2161
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-3117
AH2
DATE:
7/1/2008
TITLE:
KK .045 SQ PIN
LOOSE
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 2161-001
GAVERILL
AELHAG
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
GOLD
PART NO:
ENG NO:
PART NO:
ENG NO:
2161-1(507)
2161-38(507)
2161-3(507)
2161-40(507)
2161-4(507)
2161-41(507)
008560465
2161-5(507)
2161-45(507)
2161-6(507)
2161-48(507)
2161-7(507)
2161-51(507)
2161-10(507)
008560495
2161-52(507)
2161-11(507)
2161-53(507)
2161-12(507)
2161-61(507)
2161-13(507)
2161-62(507)
2161-14(507)
2161-63(507)
2161-15(507)
2161-64(507)
2161-16(507)
2161-65(507)
2161-18(507)
2161-66(507)
2161-19(507)
2161-67(507)
2161-20(507)
2161-68(507)
2161-21(507)
2161-69(507)
2161-22(507)
2161-70(507)
2161-23(507)
2161-71(507)
2161-24(507)
2161-89(507)
2161-26(507)
2161-91(507)
2161-28(507)
2161-92(507)
2161-30(507)
2161-93(507)
2161-35(507)
2161-94(507)
008560496
2161-36(507)
2161-96(507)
2161-37(507)
2161-99(507)
GOLD
PART NO:
ENG NO:
PART NO:
ENG NO:
008580401
2161-1(516)
2161-38(516)
2161-3(516)
2161-40(516)
2161-4(516)
2161-41(516)
2161-5(516)
2161-45(516)
2161-6(516)
2161-48(516)
2161-7(516)
2161-51(516)
2161-10(516)
2161-52(516)
2161-11(516)
2161-53(516)
2161-12(516)
2161-61(516)
2161-13(516)
2161-62(516)
2161-14(516)
2161-63(516)
2161-15(516)
2161-64(516)
2161-16(516)
2161-65(516)
2161-18(516)
2161-66(516)
2161-19(516)
2161-67(516)
2161-20(516)
2161-68(516)
2161-21(516)
2161-69(516)
2161-22(516)
2161-70(516)
2161-23(516)
2161-71(516)
2161-24(516)
2161-89(516)
2161-26(516)
2161-91(516)
2161-28(516)
2161-92(516)
2161-30(516)
2161-93(516)
2161-35(516)
2161-94(516)
2161-36(516)
2161-96(516)
2161-37(516)
2161-99(516)


Similar Part No. - 50-29-1803

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-29-1880 MOLEX1-50-29-1880 Datasheet
178Kb / 8P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Nylon Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
50-29-1880 MOLEX11-50-29-1880 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
More results

Similar Description - 50-29-1803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
   PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
Molex Electronics Ltd.
026202031 MOLEX-026202031 Datasheet
162Kb / 1P
   WAFER FLAT MOLDED KK 156 .045 DIAMETER PINS
98/10/09
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
   FS24-045
logo
FCI connector
76196-014LF FCI-CONNECTOR-76196-014LF Datasheet
194Kb / 3P
   TRI-PIN LOOSE PIECE
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
FCI connector
48115 FCI-CONNECTOR-48115 Datasheet
134Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
logo
First Components Intern...
48115 FCI-48115 Datasheet
124Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
Sep 04, 2009
logo
List of Unclassifed Man...
66182-1 ETC1-66182-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
66180-1 ETC1-66180-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com