Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P5014 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-P5014
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P5014 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-P5014 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P5014 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P5014 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P5014 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P5014 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-P5014 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
1998-04-27
SFH 3401
TA = 25
oC,
λ = 950 nm
Rel.spectral sensitivity Srel = f (λ)
Photocurrent IPCE = f (TA),
VCE = 5 V, normalized to 25 °C
Photocurrent IPCE = f (VCE)
SFH 3401-3
Photocurrent IPCE = f (Ee), VCE = 5 V
Dark current
ICEO = f (TA), VCE = 10 V, E = 0
Dark current ICEO = f (VCE), E = 0
λ
OHF02332
0
rel
S
400
10
20
30
40
50
60
70
80
%
100
500 600 700 800 900
nm 1100
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C
V
OHF00327
ce
0
010
20
30
40
50
60
70
V
mA
pce
Ι
1.0 mW/cm
0.5
1.0
1.5
2.0
2.5
3.0
2
2
0.5 mW/cm
0.25 mW/cm 2
0.1 mW/cm 2
E
OHF00326
e
-3
10
pce
Ι
-4
10
10
1
mA
2
mW/cm
10
-2
10
0
10
-3
10
-2
10
-1
0
10
1
2
3
T
OHF02342
A
0
CEO
Ι
-2
10
10
-1
10
0
10
1
10
2
nA
20
40
60
80
100
˚C
V
OHF02341
CE
0
CEO
Ι
-2
10
10
-1
10
0
10
1
10
2
nA
10
20
30
40
50
70
V
Collector-emitter capacitance
CCE = f (VCE), f = 1 MHz, E = 0
Collector-base capacitance
CCB= f (VCB), f = 1 MHz, E = 0
Emitter-base capacitance
CEB = f (VEB), f = 1 MHz, E = 0
V
OHF02344
CE
CE
C
0
10
-2
-1
10
0
10
1
10
10
2
V
10
20
30
40
pF
50
V
OHF00332
CB
0
CB
C
5
10
15
20
25
30
35
40
45
50
V
pF
10 -2
-1
10
0
10
1
10
2
10
V
OHF00333
EB
0
EB
C
2
4
6
8
10
12
14
16
18
20
V
pF
10 -2
-1
10
0
10
1
10
2
10


Similar Part No. - Q62702-P5014

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P5052 SIEMENS-Q62702-P5052 Datasheet
86Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
Q62702-P5053 SIEMENS-Q62702-P5053 Datasheet
42Kb / 5P
   GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
Q62702-P5054 SIEMENS-Q62702-P5054 Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
Q62702-P5059 SIEMENS-Q62702-P5059 Datasheet
50Kb / 5P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
Q62702-P5060 SIEMENS-Q62702-P5060 Datasheet
50Kb / 5P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
More results

Similar Description - Q62702-P5014

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com