Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4747EWE+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4747EWE+T
Description  50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4747EWE+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4747EWE+T Datasheet HTML 1Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 2Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4747EWE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX4747–MAX4750 low-voltage, quad single-pole
single-throw (SPST)/dual single-pole/double-throw
(SPDT) analog switches operate from a single +2V to
+11V supply and handle rail-to-rail analog signals.
These switches exhibit low leakage current (0.1nA) and
consume less than 0.5nW (typ) of quiescent power,
making them ideal for battery-powered applications.
When powered from a +3V supply, these switches fea-
ture 50
Ω (max) on-resistance (RON), with 3.5Ω (max)
matching between channels and 9
Ω (max) flatness
over the specified signal range.
The MAX4747 has four normally open (NO) switches, the
MAX4748 has four normally closed (NC) switches, and
the MAX4749 has two NO and two NC switches. The
MAX4750 has two SPDT switches. These switches are
available in 14-pin TSSOP, 16-pin TQFN (4mm x 4mm),
and 16-bump WLP packages. This tiny chip-scale pack-
age occupies a 2mm  2mm area and significantly
reduces the required PC board area.
Applications
Battery-Powered Systems
Audio/Video-Signal Routing
Low-Voltage Data-Acquisition Systems
Cell Phones
Communications Circuits
Glucose Meters
PDAs
Features
o 2mm  2mm WLP
o Guaranteed On-Resistance (RON)
25Ω (max) at +5V
50Ω (max) at +3V
o On-Resistance Matching
3Ω (max) at +5V
3.5Ω (max) at +3V
o Guaranteed < 0.1nA Leakage Current at
TA = +25°C
o Single-Supply Operation from +2.0V to +11V
o TTL/CMOS-Logic Compatible
o -84dB Crosstalk (1MHz)
o -72dB Off-Isolation (1MHz)
o Low Power Consumption: 0.5nW (typ)
o Rail-to-Rail Signal Handling
50
, Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in WLP
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2646; Rev 3; 1/12
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-/BUMP-
PACKAGE
MAX4747EUD+
-40°C to +85°C
14 TSSOP
MAX4747ETE+
-40°C to +85°C
16 Thin QFN-EP*
MAX4747EWE+T
-40°C to +85°C
16 WLP
TOP VIEW
TOP VIEW
INPUT
SWITCH STATE
LOW
HIGH
OFF
ON
14
13
12
11
10
9
8
1
2
3
4
5
6
7
MAX4747
MAX4747
TSSOP
V+
IN1
IN4
NO4
COM4
COM3
NO3
COM2
NO2
COM1
NO1
GND
IN3
IN2
(BUMPS SIDE DOWN)
WLP
1
A
B
C
D
23
4
NO2
COM2
IN2
COM1
NO1
V+
IN3
IN1
GND
NO3
IN4
NO4
COM4
COM3
16
+
+
15
14
13
9
10
11
12
COM3
COM4
NO4
IN4
4
3
2
1
IN2
COM2
NO2
COM1
*CONNECT EP TO V+
567
8
MAX4747ETE
TQFN
*EP
Pin/Bump Configurations/Truth Tables
Pin Configurations/Truth Tables continued at end of data sheet.
Ordering Information continued at end of data sheet.
*
EP = Exposed pad.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Similar Part No. - MAX4747EWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747EBE-T MAXIM-MAX4747EBE-T Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747EBE-T MAXIM-MAX4747EBE-T Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747ETE MAXIM-MAX4747ETE Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747ETE MAXIM-MAX4747ETE Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747EUD MAXIM-MAX4747EUD Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
More results

Similar Description - MAX4747EWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com