Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5965A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5965A
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5965A_12 Datasheet HTML 2Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 3Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 4Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 5Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 6Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 7Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 8Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 9Page - Maxim Integrated Products MAX5965A_12 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAGND = 32V to 60V, VEE = 0V, VDD to VDGND = +3.3V, all voltages are referenced to VEE, unless otherwise noted. Typical values are at
VAGND = +48V, VDGND = +48V, VDD = (VDGND + 3.3V), TA = +25°C. Currents are positive when entering the pin and negative other-
wise.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS/OUTPUTS (Referred to DGND)
Digital Input Low
VIL
0.9
V
Digital Input High
VIH
2.4
V
Internal Input Pullup/Pulldown
Resistor
RDIN
Pullup (pulldown) resistor to VDD (DGND) to
set default level
25
50
75
k
Open-Drain Output Low VoltageVOL
ISINK = 15mA
0.4
V
Digital Input Leakage
IDL
Input connected to the pull voltage
2
µA
Open-Drain Leakage
IOL
Open-drain high impedance, VOUT_ = 3.3V
2
µA
TIMING
Startup Time
tSTART
Time during which a current limit set by
VSU_LIM is allowed, starts when the GATE_ is
turned on (Note 9)
50
60
70
ms
Fault Time
tFAULT
Maximum allowed time for an overcurrent
condition set by VFLT_LIM after startup
(Note 9)
50
60
70
ms
Port Turn-Off Time
tOFF
Minimum delay between any port turning off,
does not apply in case of a reset
0.5
ms
Detection Reset Time
Time allowed for the port voltage to reset
before detection starts
80
90
ms
Detection Time
tDET
Maximum time allowed before detection is
completed
330
ms
Midspan Mode Detection Delay
tDMID
2.0
2.4
s
Classification Time
tCLASS
Time allowed for classification
19
23
ms
VEEUVLO Turn-On Delay
tDLY
Time VAGND must be above the VEEUVLO
thresholds before the device operates
24
ms
RSTR bits = 00
16 x
tFAULT
RSTR bits = 01
32 x
tFAULT
RSTR bits = 10
64 x
tFAULT
Restart Timer
tRESTART
Time a port has to wait
before turning on after an
overcurrent fault during
normal operation,
RSTR_EN bits = high
RSTR bits = 11
0
ms
Watchdog Clock Period
tWD
Rate of decrement of the watchdog timer
164
ms
ADC PERFORMANCE
Resolution
9
Bits
Range
0.51
V
LSB Step Size
1mV
Integral Nonlinearity (Relative)
INL
0.2
1.5
LSB


Similar Part No. - MAX5965A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965A MAXIM-MAX5965A_10 Datasheet
1Mb / 53P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 1; 1/10
MAX5965A MAXIM-MAX5965A_11 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 2; 5/11
More results

Similar Description - MAX5965A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965A MAXIM-MAX5965A Datasheet
1Mb / 52P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 0; 7/09
MAX5965A MAXIM-MAX5965A_10 Datasheet
1Mb / 53P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 1; 1/10
MAX5965A MAXIM-MAX5965A_11 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 2; 5/11
MAX5952 MAXIM-MAX5952_10 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Littelfuse
SP1050 LITTELFUSE-SP1050 Datasheet
684Kb / 5P
   SP1050 Series for Power-over-Ethernet PSE Protection
logo
Texas Instruments
TPS23880 TI1-TPS23880 Datasheet
201Kb / 9P
[Old version datasheet]   High-Power, 8-Channel, Power-over-Ethernet PSE With Programmable SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com