Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH400 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH400
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH400 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH400 Datasheet HTML 1Page - Siemens Semiconductor Group SFH400 Datasheet HTML 2Page - Siemens Semiconductor Group SFH400 Datasheet HTML 3Page - Siemens Semiconductor Group SFH400 Datasheet HTML 4Page - Siemens Semiconductor Group SFH400 Datasheet HTML 5Page - Siemens Semiconductor Group SFH400 Datasheet HTML 6Page - Siemens Semiconductor Group SFH400 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
1998-04-16
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
SFH 400
SFH 401
SFH 402
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
ø5.6
(2.7)
5.5
5.0
5.3
5.0
14.5
12.5
ø0.45
Radiant sensitive area
GET06013
Approx. weight 0.5 g
Chip position
Cathode (SFH 402, BPX 65)
ø5.3
0.9
1.1
1.1
0.9
Anode (SFH 482)
(2.7)
ø0.45
14.5
12.5
5.3
5.0
6.4
5.6
Chip position
glass
lens
welded
Approx. weight 0.35 g
ø5.6
ø5.3
Anode
Cathode
= SFH 481
= SFH 401
GET06091
(package)
0.9
1.1
1.1
0.9
ø0.45
Cathode (SFH 480)
(2.7)
14.5
12.5
5.3
5.0
GEO06314
Approx. weight 0.5 g
7.4
6.6
SFH 400)
Anode
Radiant
Sensitive area
Chip position
(SFH 216, SFH 231,


Similar Part No. - SFH400

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
   Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
More results

Similar Description - SFH400

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com