Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P96 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-P96
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P96 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-P96 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P96 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P96 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P96 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P96 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-P96 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-P96 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
1998-04-16
SFH 400,
SFH 401, SFH 402
Grenzwerte (
T
C = 25 °C)
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 401:
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
SFH 400, SFH 402:
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 125
°C
Sperrschichttemperatur
Junction temperature
T
j
100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
300
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
3A
Verlustleistung
Power dissipation
P
tot
470
mW
Wärmewiderstand
Thermal resistance
R
thJA
R
thJC
450
160
K/W
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA, tp = 20 ms
λ
peak
950
nm
Spektrale Bandbreite bei 50 % von
I
max
Spectral bandwidth at 50 % of
I
max
I
F = 100 mA, tp = 20 ms
∆λ
55
nm
Abstrahlwinkel
Half angle
SFH 400
SFH 401
SFH 402
ϕ
ϕ
ϕ
± 6
± 15
± 40
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.25
mm2


Similar Part No. - Q62702-P96

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P9 SIEMENS-Q62702-P9 Datasheet
168Kb / 4P
   Silicon-PIN-Photodiode
Q62702-P922 SIEMENS-Q62702-P922 Datasheet
204Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
Q62702-P928 SIEMENS-Q62702-P928 Datasheet
240Kb / 5P
   Silizium-Fotodiode Silicon Photodiode
Q62702-P929 SIEMENS-Q62702-P929 Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Q62702-P930 SIEMENS-Q62702-P930 Datasheet
224Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
More results

Similar Description - Q62702-P96

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com