Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8795AGCJ+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8795AGCJ+
Description  TFT-LCD DC-DC Converter with Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795AGCJ+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8795AGCJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX8795A includes a high-performance step-up
regulator, two linear-regulator controllers, and five high-
current operational amplifiers for active-matrix, thin-film
transistor (TFT), liquid-crystal displays (LCDs). Also
included is a logic-controlled, high-voltage switch with
adjustable delay.
The step-up DC-DC converter provides the regulated
supply voltage for the panel source driver ICs. The con-
verter is a high-frequency (1.2MHz) current-mode regu-
lator with an integrated 20V n-channel MOSFET that
allows the use of ultra-small inductors and ceramic
capacitors. It provides fast transient response to pulsed
loads while achieving efficiencies over 85%.
The gate-on and gate-off linear-regulator controllers
provide regulated TFT gate-on and gate-off supplies
using external charge pumps attached to the switching
node. The MAX8795A includes five high-performance
operational amplifiers. These amplifiers are designed to
drive the LCD backplane (VCOM) and/or the gamma-
correction divider string. The device features high out-
put current (±130mA), fast slew rate (45V/µs), wide
bandwidth (20MHz), and rail-to-rail inputs and outputs.
The MAX8795A is available in a lead-free, 32-pin, thin
QFN package with a maximum thickness of 0.8mm for
ultra-thin LCD panels, as well as in a 32-pin LQFP
package with 0.8mm pin pitch.
Applications
Notebook Computer Displays
LCD Monitor Panels
Automotive Displays
Features
o 2.5V to 5.5V Input Supply Range
o 1.2MHz Current-Mode Step-Up Regulator
Fast Transient Response to Pulsed Load
High-Accuracy Output Voltage (1%)
Built-In 20V, 3A, 0.16
Ω n-Channel MOSFET
High Efficiency (85%)
o Linear-Regulator Controllers for VGON and VGOFF
o High-Performance Operational Amplifiers
±130mA Output Short-Circuit Current
45V/µs Slew Rate
20MHz, -3dB Bandwidth
Rail-to-Rail Inputs/Outputs
o Logic-Controlled, High-Voltage Switch with
Adjustable Delay
o Timer-Delay Fault Latch for All Regulator Outputs
o Thermal-Overload Protection
o 0.6mA Quiescent Current
TFT-LCD DC-DC Converter with
Operational Amplifiers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
STEP-UP
CONTROLLER
GATE-ON
CONTROLLER
SWITCH
CONTROL
GATE-OFF
CONTROLLER
REF
VCN
VCP
VMAIN
LX
FB
PGND
AGND
DRVP
FBP
VCP
VGON
VCN
VGOFF
DEL
CTL
DRVN
FBN
NEG4
REF
POS4
NEG5
POS5
OUT4
OUT5
BGND
NEG2
POS2
OP3
POS3
OUT2
OUT3
POS1
OUT1
NEG1
SUP
COM
DRN
SRC
COMP
IN
VIN
MAX8795A
OP2
OP1
OP5
OP4
EP
Minimal Operating Circuit
19-0793; Rev 5; 5/12
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX8795AETJ+
-40
°C to +85°C
32 Thin QFN
MAX8795AGCJ+
-40
°C to +105°C
32 LQFP
MAX8795AGCJ/V+
-40
°C to +105°C
32 LQFP
MAX8795AGTJ+
-40
°C to +105°C
32 TQFN
MAX8795AGTJ/V+
-40
°C to +105°C
32 TQFN
Pin Configurations appear at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive-qualified part.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX8795AGCJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795AGCJ++ MAXIM-MAX8795AGCJ+ Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results

Similar Description - MAX8795AGCJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
   TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_11 Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com