Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8795AGCJ+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8795AGCJ+
Description  TFT-LCD DC-DC Converter with Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795AGCJ+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8795AGCJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX8795AGCJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TFT-LCD DC-DC Converter with
Operational Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, VMAIN = VSUP = 14V, VPGND = VAGND = VBGND = 0V, IREF = 25µA, TA = 0°C to +85°C. Typical values are at TA = +25°C,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FB Transconductance
∆ICOMP = ±2.5µA
75
160
280
µS
FB Voltage Gain
From FB to COMP
700
V/ V
LX On-Resistance
RLX(ON)
ILX = 200mA
160
260
m
LX Leakage Current
ILX
VLX = 19V
10
20
µA
LX Current Limit
ILIM
VFB = 1.2V, duty cycle = 75%
2.5
3.0
3.5
A
Current-Sense Transresistance
0.1
0.2
0.3
V/A
Soft-Start Period
tSS
14
ms
Soft-Start Step Size
VREF /
128
V
OPERATIONAL AMPLIFIERS
SUP Supply Range
VSUP
6.0
18.0
V
SUP Overvoltage Fault Threshold
18.0
19
19.9
V
SUP Supply Current
ISUP
Buffer configuration, VPOS_ = VSUP / 2,
no load
3.5
5.0
mA
Input Offset Voltage
VOS
(VNEG_, VPOS_, VOUT_)
≅ VSUP / 2
0
12
mV
Input Bias Current
IBIAS
(VNEG_ , VPOS_, VOUT_)
≅ VSUP / 2
-50
0
+50
nA
Input Common-Mode Voltage
Range
VCM
0VSUP
V
Common-Mode Rejection Ratio
CMRR
0
≤ (VNEG_, VPOS_) ≤ VSUP
45
80
dB
Open-Loop Gain
125
dB
Output Voltage Swing, High
VOH
IOUT_ = 5mA
VSUP -
100
VSUP -
50
mV
Output Voltage Swing, Low
VOL
IOUT_ = -5mA
50
100
mV
Short-Circuit Current
To VSUP / 2, source or sink
75
130
mA
Power-Supply Rejection Ratio
PSRR
DC, 6V
≤ VSUP ≤ 18V,
(VNEG_, VPOS_)
≅ VSUP / 2
60
dB
Slew Rate
45
V/µs
-3dB Bandwidth
RL = 10k
Ω, CL = 10pF, buffer configuration
20
MHz
GATE-ON LINEAR-REGULATOR CONTROLLER
FBP Regulation Voltage
VFBP
IDRVN = 100µA
1.231
1.250
1.269
V
FBP Fault Trip Level
VFBP falling
0.96
1.00
1.04
V
FBP Input Bias Current
IFBP
VFBP = 1.25V
-50
+50
nA
FBP Effective Load-Regulation
Error (Transconductance)
VDRVP = 10V, IDRVP = 50µA to 1mA
-0.7
-1.5
%
FBP Line (IN) Regulation Error
IDRVP = 100µA, 2.5V < VIN < 6V
±1
±10
mV
DRVP Sink Current
IDRVP
VFBP = 1.1V, VDRVP = 10V
1
5
mA
DRVP Off-Leakage Current
VFBP = 1.4V, VDRVP = 34V
0.01
10
µA
Soft-Start Period
tSS
14
ms
Soft-Start Step Size
VREF /
128
V


Similar Part No. - MAX8795AGCJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795AGCJ++ MAXIM-MAX8795AGCJ+ Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results

Similar Description - MAX8795AGCJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
   TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_11 Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com