Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8969 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8969
Description  Step-Up Converter for Handheld Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8969 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8969_12 Datasheet HTML 1Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 2Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 3Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 4Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 5Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 6Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 7Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 8Page - Maxim Integrated Products MAX8969_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 ______________________________________________________________________________________
Step-Up Converter
for Handheld Applications
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 2.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are TA = +25NC.) (Note 3)
Note 3: Specifications are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design and characterization.
Note 4: Continuous operation with 1A at elevated ambient temperature and low voltage is not guaranteed. Under worst-case con-
ditions, die thermal protection cannot be activated after 100ms of 1A load application. See the continuous output current
parameter for a conservative estimate of current that can be maintained at TA = +85°C.
Note 5: Switching frequency decreases if input voltage is > 83% of the output voltage selected. This allows duty factor to drop to
values necessary to boost output voltage less than 25% without the use of pulse widths less than 60ns.
Note 6: Contact factory for other options.
Note 7: The output voltage regulation is a direct function of the peak current in the nMOS power switch. The inductor current (ILX)
described in the conditions of the steady-state output voltage specification corresponds to the peak inductor current.
Note 8: Once ATM threshold is reached boost switching stops in 1µs (typ), but the transition to ATM does not occur until VOUT has
fallen equal to VIN.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Ripple
IOUT = 150mA, circuit of Figure 1
20
mVP-P
Soft-Start Interval
IOUT = 10mA, see the Output Capacitor
Selection section
F
s
TRACK MODE
pMOSFET On-Resistance
IOUT = 500mA, VIN = 2.7V
130
mI
IOUT = 500mA, VIN = 3.2V
110
Track Current Limit
VOUT = 3.6V
1
2
A
Track Mode Quiescent Current
EN = low, TREN = high
30
F
A
AUTOMATIC TRACK MODE (ATM)
ATM Supply Current
VIN = 5.4V
65
F
A
ATM VIN Rising Threshold (VATMRT)
VOUT_TARGET = 3.3V
3.15
V
VOUT_TARGET = 3.5V
3.35
VOUT_TARGET = 3.7V
3.55
VOUT_TARGET = 4.25V
4.04
VOUT_TARGET = 5V
4.74
ATM VIN Falling Threshold (VATMFT)
VOUT_TARGET = 3.3V
3.10
V
VOUT_TARGET = 3.5V
3.29
VOUT_TARGET = 3.7V
3.5
VOUT_TARGET = 4.25V
3.99
VOUT_TARGET = 5V
4.69
Boost to ATM Transition Time
(Note 7)
1
F
s
ATM to Boost Transition Time
1
F
s
LOGIC CONTROL
EN, TREN Logic Input High Voltage
2.3V < VIN < 5.5V
1.05
V
EN, TREN Logic Input Low Voltage
2.3V < VIN < 5.5V
0.4
V
EN, TREN Leakage Current
VEN = VTREN = 0V
TA = +25NC
-1
0.01
+1
F
A
TA = +85NC
0.1


Similar Part No. - MAX8969_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL33++ MAXIM-MAX8969EWL33+ Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
MAX8969EWL35 MAXIM-MAX8969EWL35 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL35 MAXIM-MAX8969EWL35 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
More results

Similar Description - MAX8969_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com