Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8969EWL33+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8969EWL33+
Description  Step-Up Converter for Handheld Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8969EWL33+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8969EWL33+ Datasheet HTML 3Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 4Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 5Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 6Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 7Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 8Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 9Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 10Page - Maxim Integrated Products MAX8969EWL33+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
_______________________________________________________________________________________ 7
Step-Up Converter
for Handheld Applications
Typical Operating Characteristics
(VIN = 3.6V, COUT = 22µF, X5R, 6.3V local and 10µF, X5R, 6.3V, 1µH inductor, circuit of Figure 1, TA = +25NC, unless otherwise noted.)
LIGHT-LOAD RIPPLE
MAX8969 toc15
AC-COUPLED
20mV/div
2V/div
0
VOUT
VLX
40µs/div
IOUT = 1mA, VIN = 3.6V
STARTUP (VOUT = 5V)
MAX8969 toc17
2V/div
2V/div
0
0
2V/div
0
VEN
VOUT
VLX
200µs/div
COUT, TYP = 32µF,
TREN = GND,
IOUT = 10mA,
VIN = 3.2V
HARD-SHORT (VOUT = 5V)
MAX8969 toc19
2V/div
2A/div
0
0
0
2V/div
2A/div
0
VOUT
VLX
IOUT
VIN = 3.2V, 0.1I LOAD
ILX
20µs/div
STARTUP (VOUT = 3.7V)
MAX8969 toc16
2V/div
2V/div
0
0
2V/div
0
VEN
VOUT
VLX
200µs/div
COUT, TYP = 32µF,
TREN = GND,
IOUT = 10mA,
VIN = 2.6V
HARD-SHORT (VOUT = 3.7V)
MAX8969 toc18
2V/div
2A/div
0
0
0
2V/div
2A/div
0
VOUT
VLX
IOUT
VIN = 3.2V, 0.1I LOAD
ILX
40µs/div
SHUTDOWN
MAX8969 toc20
2V/div
0
0
0
2V/div
2V/div
VOUT
VEN
VLX
10I LOAD, TREN = GND
2µs/div


Similar Part No. - MAX8969EWL33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969EWL33++ MAXIM-MAX8969EWL33+ Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
More results

Similar Description - MAX8969EWL33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com