Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9716 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9716
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9716 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9716 Datasheet HTML 4Page - Maxim Integrated Products MAX9716 Datasheet HTML 5Page - Maxim Integrated Products MAX9716 Datasheet HTML 6Page - Maxim Integrated Products MAX9716 Datasheet HTML 7Page - Maxim Integrated Products MAX9716 Datasheet HTML 8Page - Maxim Integrated Products MAX9716 Datasheet HTML 9Page - Maxim Integrated Products MAX9716 Datasheet HTML 10Page - Maxim Integrated Products MAX9716 Datasheet HTML 11Page - Maxim Integrated Products MAX9716 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Low-Cost, Mono, 1.4W BTL Audio
Power Amplifiers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, BTL mode, TA = +25°C, unless otherwise noted.)
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
100
1k
10k
-90
-60
-30
0
30
60
90
120
-120
10
10M
AV = 60dB
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100k
SUPPLY CURRENT vs. VCC
VCC (V)
5.1
4.7
3.1
3.5
3.9
4.3
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0
2.7
5.5
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1
2
3
4
5
6
-40
85
VCC = 3V
VCC = 5V
COMING OUT OF SHUTDOWN
MAX9716 toc32
OUT+
1V/div
OUT+ - OUT-
200mV/div
OUT-
1V/div
SHDN
2V/div
100ms/div
RL = 8
GOING INTO SHUTDOWN
MAX9716 toc33
OUT+
1V/div
OUT+ - OUT-
200mV/div
OUT-
1V/div
SHDN
2V/div
10
µs/div
RL = 8
SHUTDOWN CURRENT vs. VCC
VCC (V)
5.0
4.5
4.0
3.5
3.0
2
4
6
8
10
12
14
16
18
20
0
2.5
5.5
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
5
10
15
20
25
30
35
40
0
-40
85
VCC = 5V
VCC = 3V


Similar Part No. - MAX9716

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
362Kb / 5P
   Surface-Mount Construction
Rev 2; 10/20
MAX9716EBL+TG45 MAXIM-MAX9716EBL+TG45 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716EBL-T MAXIM-MAX9716EBL-T Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
More results

Similar Description - MAX9716

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9710 MAXIM-MAX9710 Datasheet
606Kb / 15P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 0; 4/03
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com