Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14602ETA+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14602ETA+T
Description  USB Host Charger Identification/Adapter Emulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14602ETA+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14602ETA+T Datasheet HTML 1Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 2Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 3Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 4Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 5Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 6Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 7Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 8Page - Maxim Integrated Products MAX14602ETA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MAX14600–MAX14605/MAX14618
USB Host Charger Identification/Adapter Emulators
����������������������������������������������������������������� Maxim Integrated Products 1
General Description
The MAX14600–MAX14605 and MAX14618 are third-gen-
eration USB 2.0 host charger identification devices that
combine USB Hi-Speed analog switches with a USB adapter
emulator circuit.
The devices support pass-through mode and auto mode.
In charging downstream port (CDP) pass-through mode,
the devices emulate the CDP function while supporting
normal USB traffic. The MAX14600/MAX14603/MAX14605
have a pFET open-drain output (CEN), and the MAX14601/
MAX14604/MAX14618 have an nFET open-drain output
(CEN) to restart the peripheral connected to the USB host.
All the devices support the CDP and standard down-
stream port (SDP) charging during the active state (S0)
and support the dedicated charging port (DCP) charg-
ing during the standby state (S3/S4/S5). The MAX14603/
MAX14604/MAX14605/MAX14618 support remote wake-
up in standby mode. The MAX14602/MAX14605 offer
backward-compatible CDP emulation upgrade to the
MAX14566E.
The MAX14600–MAX14605/MAX14618 are available in
an 8-pin (2mm x 2mm) TDFN package, and are specified
over the -40NC to +85NC extended temperature range.
Applications
Benefits and Features
S
Improved Charger Interoperability
USB CDP Emulation in S0 State
Meets New USB Battery Charging (BC) Revision
1.2 Specification
Backward Compatible with Previous USB BC
Revisions
Meets China YD/T1591-2009 Charging Specification
Supports Standby Mode Charging for Apple and
BC Revision 1.2-Compatible Devices
S
Greater User Flexibility
CB0 and CB1 Pins Control Multiple Automatic
and Manual Charger States
S
High Level of Integrated Features
Supports Remote Wake-Up (MAX14603/
MAX14604/MAX14605/MAX14618)
Low-Capacitance USB 2.0 Hi-Speed Switch to
Change Charging Modes
Automatic Current-Limit Switch Control
S
Save Space on Board
2mm x 2mm, 8-Pin TDFN Package
Typical Operating Circuit
19-5957; Rev 3; 5/12
Ordering Information/Selector Guide appears at end of data
sheet.
For related parts and recommended products to use with this part,
refer to www.maxim-ic.com/MAX14600.related.
USB Host Data/Chargers
including:
Laptop and Desktop
Computers
USB Hubs
Flat-Panel Displays with
USB
Media Players
Game Consoles
iPhone and iPod are registered trademarks of Apple, Inc.
DM
CB0
D-
DP
CB1
STANDBY
CDP/FM
D+
EMBEDDED
CONTROLLER
VBUS
GND
CEN
USB A
CONNECTOR
OVERCURRENT
PROTECTOR
CEN
Li+
BATTERY
EXTERNAL
POWER
SUPPLY
5V
SWITCHING
POWER SUPPLY
USB A
APPLE DOCK
CONNECTOR
APPLE
DOCK
iPod®
OR
iPhone®
USB A
MICRO B
MICRO-USB
CONNECTOR
PHONE OR MP3
PLAYER
TDM
TDP
LAPTOP CHIPSET
USB
TRANSCEIVER
MAX14600
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX14602ETA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14602ETA+T MAXIM-MAX14602ETA+T Datasheet
1Mb / 16P
   USB Host Charger Identification/ Adapter Emulators
2016
More results

Similar Description - MAX14602ETA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600_V01 Datasheet
1Mb / 16P
   USB Host Charger Identification/ Adapter Emulators
2016
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14617 MAXIM-MAX14617 Datasheet
2Mb / 13P
   USB Host Charger Identification/Adapter Emulator
19-6045; Rev 1; 2/12
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
logo
Dialog Semiconductor
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
   USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com