Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17075ETG+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17075ETG+
Description  Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17075ETG+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17075ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Boost Regulator with Integrated Charge Pumps,
Switch Control, and High-Current Op Amp
8
_______________________________________________________________________________________
IN SUPPLY QUIESCENT CURRENT
vs. IN SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2.5
5.0
200mA LOAD
NO SWITCHING
MAX17075 toc09
POWER-UP SEQUENCE OF
ALL SUPPLY OUTPUTS
4ms/div
VIN : 5V/div
REF : 1V/div
AVDD : 10V/div
VCOM : 5V/div
SRC : 20V/div
GOFF : 5V/div
GON : 20V/div
DEL : 2V/div
0V
0V
0V
0V
0V
0V
VIN
AVDD
VCOM
SRC
REF
DEL
GOFF
GON
POSITIVE CHARGE-PUMP REGULATOR
LINE REGULATION
SUPPLY VOLTAGE (V)
15
16
17
12
13
14
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
-0.30
11
18
POSITIVE CHARGE-PUMP REGULATOR
LOAD REGULATION
LOAD CURRENT (mA)
40
50
70
60
10
20
30
-1.6
-1.2
-0.8
-0.4
0
0.4
-2.0
080
VSRC
GON
MAX17075 toc12
POSITIVE CHARGE-PUMP REGULATOR
LOAD-TRANSIENT RESPONSE (10mA TO 100mA)
4
µs/div
0V
0A
GON
(AC-COUPLED)
200mV/div
LOAD CURRENT
50mA/div
NEGATIVE CHARGE-PUMP REGULATOR
LINE REGULATION
SUPPLY VOLTAGE (V)
14.5
11.5 12.5 13.5
0
0.2
-0.2
10.5
17.5
15.5 16.5
NEGATIVE CHARGE-PUMP REGULATOR
LOAD REGULATION
LOAD CURRENT (mA)
60
20
40
0
0.2
-0.2
0
120
80
100
NEGATIVE CHARGE-PUMP REGULATOR
LOAD-TRANSIENT RESPONSE (10mA TO 100mA)
MAX17075 toc15
4
µs/div
0V
GOFF
(AC-COUPLED)
100mV/div
LOAD CURRENT
50mA/div
0A
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX17075ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075ETG++ MAXIM-MAX17075ETG+ Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
More results

Similar Description - MAX17075ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
   Charge-Pumps and High-Current OP
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
EUP2619 EUTECH-EUP2619 Datasheet
126Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps and OP-AMP
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
   Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
logo
Silicon Mitus, Inc.
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
   Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com