Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17075ETG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17075ETG+
Description  Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17075ETG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17075ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX17075ETG+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Boost Regulator with Integrated Charge Pumps,
Switch Control, and High-Current Op Amp
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, Circuit of Figure 1, VAVDD = VSUP = +13V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NEGATIVE CHARGE-PUMP REGULATOR
VSUP Input Supply Range
6
18
V
FBN Regulation Voltage (VREF - VFBN)
VREF - VFBN = 1V
-2%
1
+2%
V
FBN Input Bias Current
VFBN = 0V, TA = +25°C
-50
+50
nA
FBN Line Regulation Error
VSUP = 9V to 18V, VGOFF = -7V
0.2
%/V
DRVN PCH On-Resistance
6
DRVN NCH On-Resistance
3
Negative Charge-Pump Soft-Start Period
7-bit voltage ramp with filtering to prevent
high peak currents
5
ms
POSITIVE GATE-DRIVER TIMING AND CONTROL SWITCHES
CTL Input Low Voltage
0.6
V
CTL Input High Voltage
2
V
CTL Input Current
VCTL = 0V or VVCC, TA = +25°C
-1
+1
µA
SRC Input Voltage Range
36
V
SRC-to-COM Switch On-Resistance
VDEL = 1.5V, CTL = VCC
10
DRN-to-COM Switch On-Resistance
VDEL = 1.5V, CTL = AGND
60
COM-to-GND Pulldown
VDEL = 0V
1.5
2.5
k
VDEL = 1.5V, CTL = VCC
600
µA
SRC Input Current
VDEL = 1.5V, CTL = AGND
360
µA
OPERATIONAL AMPLIFIERS
SUP Supply Range
6
18
V
VSUP Undervoltage Threshold
3.8
4
4.2
V
SUP Supply Current
Buffer configuration, VPOS = VSUP/2, no load
6.5
mA
Input Offset Voltage
VNEG, VPOS = VSUP/2, TA = +25°C
8
mV
Input Bias Current
VNEG, VPOS = VSUP/2, TA = +25°C
-1
+1
µA
Input Common-Mode Voltage Range
0
VSUP
V
Output-Voltage-Swing High
IOUT = 50mA
VSUP -
350
mV
Output-Voltage-Swing Low
IOUT = -50mA
350
mV
Sourcing
500
Short-Circuit Current
Sinking
500
mA
XAO CONTROL
RSTIN Threshold
Falling edge
1.22
1.28
V
RSTIN Input Current
TA = +25°C
-1
+1
µA
RST Output Voltage
ISINK = 1mA
0.4
V
RST Blanking Time
Counting from VVCC crossing 2.25V
160
280
ms
XAO UVLO
VCC rising with typical hysteresis of 50mV
1.7
V
Note 1: -40
°C specifcations are guaranteed by design, not production tested.


Similar Part No. - MAX17075ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075ETG++ MAXIM-MAX17075ETG+ Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
More results

Similar Description - MAX17075ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
   Charge-Pumps and High-Current OP
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
EUP2619 EUTECH-EUP2619 Datasheet
126Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps and OP-AMP
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
   Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
logo
Silicon Mitus, Inc.
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
   Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com