Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17075 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17075
Description  Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17075 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17075 Datasheet HTML 1Page - Maxim Integrated Products MAX17075 Datasheet HTML 2Page - Maxim Integrated Products MAX17075 Datasheet HTML 3Page - Maxim Integrated Products MAX17075 Datasheet HTML 4Page - Maxim Integrated Products MAX17075 Datasheet HTML 5Page - Maxim Integrated Products MAX17075 Datasheet HTML 6Page - Maxim Integrated Products MAX17075 Datasheet HTML 7Page - Maxim Integrated Products MAX17075 Datasheet HTML 8Page - Maxim Integrated Products MAX17075 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Boost Regulator with Integrated Charge Pumps,
Switch Control, and High-Current Op Amp
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VVCC = +5V, Circuit of Figure 1, VAVDD = VSUP = +13V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, CTL, RSTIN, RST to AGND ..........................-0.3V to +7.5V
DEL, REF, COMP, FB, FBN,
FBP to AGND .......................................-0.3V to (VVCC + 0.3V)
PGND, BGND to AGND.........................................-0.3V to +0.3V
LX to PGND ............................................................-0.3V to +20V
SUP to PGND .........................................................-0.3V to +20V
DRVN, DRVP to PGND..............................-0.3V to (VSUP + 0.3V)
SRC, COM, DRN to AGND .....................................-0.3V to +40V
DRN to COM............................................................-30V to +30V
SRC to SUP ............................................................................23V
REF Short Circuit to AGND.........................................Continuous
POS, NEG, OUT to AGND...........................-0.3V to (VSUP + 0.3)
DRVN, DRVP RMS Current ...............................................200mA
LX, PGND RMS Current Rating.............................................2.4A
Continuous Power Dissipation (TA = +70
°C)
24-Pin TQFN (derate 27.8mW/°C above +70°C).......2222mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +160°C
Lead Temperature (soldering, 10s) .................................+300
°C
Soldering Temperature (reflow) .......................................+260
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Input Supply Range
2.5
5.5
V
VCC Undervoltage-Lockout (UVLO) Threshold
VCC rising, hysteresis (typ) = 50mV
2.05
2.25
2.45
V
VCC Shutdown Current
VCC = 2V
100
200
µA
VFB = 1.3V, not switching
1
1.5
VCC Quiescent Current
VFB = 1.0V, switching
4
5
mA
REFERENCE
REF Output Voltage
No external load
1.238
1.250
1.262
V
REF Load Regulation
0n < ILOAD < 50µA
6
mV
REF Sink Current
In regulation
10
µA
REF Undervoltage-Lockout Threshold
Rising edge, hysteresis (typ) = 200mV
1
1.17
V
OSCILLATOR AND TIMING
Frequency
1000
1200
1400
kHz
Oscillator Maximum Duty Cycle
87
90
93
%
Duration to Trigger Fault Condition
FB or FBP or FBN below threshold
47
55
65
ms
DEL Capacitor Charge Current
During startup, VDEL = 1.0V
4
5
6
µA
DEL Turn-On Threshold
1.19
1.25
1.31
V
DEL Discharge Switch On-Resistance
20
STEP-UP REGULATOR
Output Voltage Range
VVCC
18
V
FB Regulation Voltage
FB = COMP, CCOMP = 1nF
1.238
1.250
1.262
V
FB Fault Trip Level
Falling edge
0.96
1
1.04
V
FB Load Regulation
0 < ILOAD < full, transient only
-1
%
FB Line Regulation
VCC = 2.5V to 5.5V
-0.2
0
+0.2
%/V
FB Input Bias Current
VFB = 1.25V
50
125
200
nA
FB Transconductance
I = ±2.5µA at COMP, FB = COMP
75
160
280
µS
FB Voltage Gain
FB to COMP
2600
V/V


Similar Part No. - MAX17075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075 Datasheet
168Kb / 7P
   1.2MHz Switching Frequency
Rev 0; 12/08
MAX17075ETG++ MAXIM-MAX17075ETG+ Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075EVKIT MAXIM-MAX17075EVKIT Datasheet
168Kb / 7P
   1.2MHz Switching Frequency
Rev 0; 12/08
MAX17075EVKIT++ MAXIM-MAX17075EVKIT+ Datasheet
168Kb / 7P
   1.2MHz Switching Frequency
Rev 0; 12/08
More results

Similar Description - MAX17075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
   Charge-Pumps and High-Current OP
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
EUP2619 EUTECH-EUP2619 Datasheet
126Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps and OP-AMP
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
   Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
logo
Silicon Mitus, Inc.
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
   Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com