Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P860 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-P860
Description  GaAs Infrared Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P860 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-P860 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P860 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P860 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P860 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
1997-11-01
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
SFH 409
1) Nur auf Anfrage lieferbar.
1) Available only on request.
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 409
Q62702-P860
3-mm-LED-Gehäuse (T 1), grau eingefärbt, An-
schlüsse im 2.54-mm-Raster (1/10’’),
Kathodenkennzeichnung: kürzerer Anschluß
3 mm LED package (T 1), grey-colored epoxy resin,
solder tabs lead spacing 2.54 mm (1/10’’),
cathode marking: short lead
SFH 409-11)
Q62702-P1001
SFH 409-2
Q62702-P1002
Wesentliche Merkmale
q
GaAs-IR-Lumineszenzdiode, hergestellt im
Schmelzepitaxieverfahren
q
Hohe Zuverlässigkeit
q
Hohe Impulsbelastbarkeit
q
Gruppiert lieferbar
q
Gehäusegleich mit SFH 309, SFH 487
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
IR Fernsteuerungen
Features
q
GaAs infrared emitting diode, fabricated in a
liquid phase epitaxy process
q
High reliability
q
High pulse handling capability
q
Available in groups
q
Same package as SFH 309, SFH 487
Applications
q
Photointerrupters
q
IR remote control of various equipment
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
1.8
1.2
29
27
6.3
5.9
(3.5)
4.1
3.9
5.2
4.5
0.6
0.4
4.0
3.6
0.6
0.4
Approx. weight 0.3 g
Chip position
Area not flat
GEX06250
Cathode
Anode
(SFH 487)
(SFH 409)


Similar Part No. - Q62702-P860

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P80 SIEMENS-Q62702-P80 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
Q62702-P835 SIEMENS-Q62702-P835 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
Q62702-P836 SIEMENS-Q62702-P836 Datasheet
208Kb / 4P
   Mini-Silicon NPN Phototransistor
Q62702-P84 SIEMENS-Q62702-P84 Datasheet
38Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Q62702-P848 SIEMENS-Q62702-P848 Datasheet
208Kb / 4P
   Mini-Silicon NPN Phototransistor
More results

Similar Description - Q62702-P860

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5594A ETC2-OPE5594A Datasheet
110Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD-274 OSRAM-LD-274 Datasheet
163Kb / 11P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5194 ETC2-OPE5194 Datasheet
193Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
SFH-4110 OSRAM-SFH-4110 Datasheet
178Kb / 10P
   GaAs Infrared Emitter
logo
Siemens Semiconductor G...
LD242 SIEMENS-LD242 Datasheet
39Kb / 5P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5294 ETC-OPE5294 Datasheet
191Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD274 OSRAM-LD274 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
SFH-400 OSRAM-SFH-400 Datasheet
172Kb / 13P
   GaAs Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com