Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41815-0514 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-41815-0514
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41815-0514 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-41815-0514 Datasheet HTML 1Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 2Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 3Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 4Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 5Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 6Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 7Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 8Page - Molex Electronics Ltd. A-41815-0514 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 2 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
BOTTOM ENTRY
Assy. Proc:
BOTTOM ENTRY
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Options
WITH RAMP
Options
WITH RAMP
Options
WITH RAMP
Options
WITH RAMP
Terminal No:
2144-BA-A1AA-197B
Terminal No:
2144-BA-A1AA-208B
Terminal No:
6298-1-197
Terminal No:
6298-1-208
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Plating:
197 TIN
Plating:
208 – 15 GOLD
Plating:
197 – TIN
Plating:
208 – 15 GOLD
Dim C:
(3.68) / .145
Dim C:
(3.68) / .145
Dim C:
(3.18)/. 125
Dim C:
(3.18)/. 125
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
09-48-1024
A-41815-0002
09-48-5024
A-41815-0016
09-48-4029
A-41815-0030
09-48-5026
A-41815-0044
3
09-48-1034
A-41815-0003
09-48-5034
A-41815-0017
09-48-4039
A-41815-0031
09-48-5036
A-41815-0045
4
09-48-1044
A-41815-0004
09-48-5044
A-41815-0018
09-48-4049
A-41815-0032
09-48-5046
A-41815-0046
5
09-48-1054
A-41815-0005
09-48-5054
A-41815-0019
09-48-4059
A-41815-0033
09-48-5056
A-41815-0047
6
09-48-1064
A-41815-0006
09-48-5064
A-41815-0020
09-48-4069
A-41815-0034
09-48-5066
A-41815-0048
7
09-48-1074
A-41815-0007
09-48-5074
A-41815-0021
09-48-4079
A-41815-0035
09-48-5076
A-41815-0049
8
09-48-1084
A-41815-0008
09-48-5084
A-41815-0022
09-48-4089
A-41815-0036
09-48-5086
A-41815-0050
9
09-48-1094
A-41815-0009
09-48-5094
A-41815-0023
09-48-4099
A-41815-0037
09-48-5096
A-41815-0051
10
09-48-1104
A-41815-0010
09-48-5104
A-41815-0024
09-48-4109
A-41815-0038
09-48-5106
A-41815-0052
11
09-48-1114
A-41815-0011
09-48-5114
A-41815-0025
09-48-4119
A-41815-0039
09-48-5116
A-41815-0053
12
09-48-1124
A-41815-0012
09-48-5124
A-41815-0026
09-48-4129
A-41815-0040
09-48-5126
A-41815-0054
13
09-48-1134
A-41815-0013
09-48-5134
A-41815-0027
09-48-4139
A-41815-0041
09-48-5136
A-41815-0055
14
09-48-1144
A-41815-0014
09-48-5144
A-41815-0028
09-48-4149
A-41815-0042
09-48-5146
A-41815-0056
15
09-48-1154
A-41815-0015
09-48-5154
A-41815-0029
09-48-4159
A-41815-0043
09-48-5156
A-41815-0057


Similar Part No. - A-41815-0514

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41815-0002 MOLEX1-A-41815-0002 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
A-41815-0002 MOLEX-A-41815-0002 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0003 MOLEX1-A-41815-0003 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector,5.0關m (200關") Tin (Sn), 3 Circuits
A-41815-0003 MOLEX-A-41815-0003 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0004 MOLEX1-A-41815-0004 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 4 Circuits
More results

Similar Description - A-41815-0514

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com