Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2161-96(507) Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2161-96(507)
Description  KK.045 SQ PIN LOOSE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2161-96(507) Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2161-96(507) Datasheet HTML 1Page - Molex Electronics Ltd. 2161-96(507) Datasheet HTML 2Page - Molex Electronics Ltd. 2161-96(507) Datasheet HTML 3Page - Molex Electronics Ltd. 2161-96(507) Datasheet HTML 4Page - Molex Electronics Ltd. 2161-96(507) Datasheet HTML 5Page - Molex Electronics Ltd. 2161-96(507) Datasheet HTML 6Page - Molex Electronics Ltd. 2161-96(507) Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2161
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-3117
AH2
DATE:
7/1/2008
TITLE:
KK .045 SQ PIN
LOOSE
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 2161-001
GAVERILL
AELHAG
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
GOLD
PART NO:
ENG NO:
PART NO:
ENG NO:
008560401
2161-1(501)
008560438
2161-38(501)
008560403
2161-3(501)
008560440
2161-40(501)
008560404
2161-4(501)
008560441
2161-41(501)
008560405
2161-5(501)
008560450
2161-45(501)
008560406
2161-6(501)
2161-48(501)
008560407
2161-7(501)
2161-51(501)
008560410
2161-10(501)
008560452
2161-52(501)
008560411
2161-11(501)
2161-53(501)
008560412
2161-12(501)
008560492
2161-61(501)
008560413
2161-13(501)
008560488
2161-62(501)
008560414
2161-14(501)
2161-63(501)
008560415
2161-15(501)
008560497
2161-64(501)
008560416
2161-16(501)
008560457
2161-65(501)
008560418
2161-18(501)
2161-66(501)
008560419
2161-19(501)
2161-67(501)
008560420
2161-20(501)
2161-68(501)
008560421
2161-21(501)
008560469
2161-69(501)
008560422
2161-22(501)
2161-70(501)
008560423
2161-23(501)
2161-71(501)
008560424
2161-24(501)
2161-89(501)
008560426
2161-26(501)
2161-91(501)
008560428
2161-28(501)
008560400
2161-92(501)
008560430
2161-30(501)
2161-93(501)
008560435
2161-35(501)
008560499
2161-94(501)
008560436
2161-36(501)
008560490
2161-96(501)
008560437
2161-37(501)
2161-99(501)
TIN
PART NO:
ENG NO:
PART NO:
ENG NO:
008590401
2161-1(122)
2161-38(122)
008590403
2161-3(122)
2161-40(122)
2161-4(122)
2161-41(122)
2161-5(122)
2161-45(122)
2161-6(122)
2161-48(122)
2161-7(122)
2161-51(122)
2161-10(122)
2161-52(122)
2161-11(122)
2161-53(122)
2161-12(122)
2161-61(122)
2161-13(122)
2161-62(122)
008590414
2161-14(122)
2161-63(122)
2161-15(122)
008590464
2161-64(122)
008590416
2161-16(122)
2161-65(122)
2161-18(122)
2161-66(122)
008590419
2161-19(122)
2161-67(122)
2161-20(122)
2161-68(122)
2161-21(122)
2161-69(122)
2161-22(122)
2161-70(122)
008590423
2161-23(122)
2161-71(122)
2161-24(122)
008590489
2161-89(122)
2161-26(122)
008500468
2161-91(122)
2161-28(122)
2161-92(122)
008590430
2161-30(122)
2161-93(122)
2161-35(122)
008590494
2161-94(122)
008590436
2161-36(122)
2161-96(122)
008590437
2161-37(122)
2161-99(122)


Similar Part No. - 2161-96(507)

ManufacturerPart #DatasheetDescription
logo
Heyco.
2161 HEYCO-2161 Datasheet
106Kb / 1P
   Snap Bushings
logo
Littelfuse
2161.25 LITTELFUSE-2161.25 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
2161.25 LITTELFUSE-2161.25 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216100 LITTELFUSE-216100 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216100P LITTELFUSE-216100P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 2161-96(507)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
   PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
Molex Electronics Ltd.
026202031 MOLEX-026202031 Datasheet
162Kb / 1P
   WAFER FLAT MOLDED KK 156 .045 DIAMETER PINS
98/10/09
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
   FS24-045
logo
FCI connector
76196-014LF FCI-CONNECTOR-76196-014LF Datasheet
194Kb / 3P
   TRI-PIN LOOSE PIECE
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
FCI connector
48115 FCI-CONNECTOR-48115 Datasheet
134Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
logo
First Components Intern...
48115 FCI-48115 Datasheet
124Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
Sep 04, 2009
logo
List of Unclassifed Man...
66182-1 ETC1-66182-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
66180-1 ETC1-66180-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com