Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFT12864B-TNMBD Datasheet(PDF) 6 Page - P-tec Corporation

Part # PTFT12864B-TNMBD
Description  240 Column X 64 Row
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PTFT12864B-TNMBD Datasheet(HTML) 6 Page - P-tec Corporation

Back Button PTFT12864B-TNMBD Datasheet HTML 2Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 3Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 4Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 5Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 6Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 7Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 8Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 9Page - P-tec Corporation PTFT12864B-TNMBD Datasheet HTML 10Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PAGE 6 OF 13
6. Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
(V)θ
CR≥2
-20
35
deg
View Angle
(H)φ
CR≥2
-30
30
deg
Contrast Ratio
CR
3
T rise
250
ms
Response Time
T fall
250
ms
Definition of Operation Voltage (Vop)
Definition of Response Time ( Tr , Tf )
Driving Voltage(V)
Intensity
Cr Max
100%
Vop
Selected Wave
Non-selected Wave
[positive type]
Cr = Lon / Loff
Intensity
90%
100%
Tr
10%
Tf
Non-selected
Conition
Non-selected
Conition
Selected Conition
[positive type]
Conditions : Operating Voltage : Vop
Viewing Angle(θ,φ) : 0°, 0°
Frame Frequency : 64 HZ
Driving Waveform : 1/N duty , 1/a bias
Definition of viewing angle(CR≥2)
θ f
φ = 180°
φ = 90°
φ = 0°
φ = 270°
θ b
θ r
θ l


Similar Part No. - PTFT12864B-TNMBD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTFT VISHAY-PTFT Datasheet
85Kb / 3P
   Linear PTC Thermistors, Surface Mount Chip
Revision: 04-Apr-05
logo
OPLINK Communications I...
PTFT-S0164 OPLINK-PTFT-S0164 Datasheet
112Kb / 2P
   Plug Type Terminator
logo
P-tec Corporation
PTFT243264-7UFLWH P-TEC-PTFT243264-7UFLWH Datasheet
262Kb / 2P
   TFT Display Solutions
PTFT243264-7UFLWI P-TEC-PTFT243264-7UFLWI Datasheet
262Kb / 2P
   TFT Display Solutions
PTFT243277-7UFLWB P-TEC-PTFT243277-7UFLWB Datasheet
262Kb / 2P
   TFT Display Solutions
More results

Similar Description - PTFT12864B-TNMBD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTG-24064E ETC-MTG-24064E Datasheet
86Kb / 1P
   240 X 64 LCD
logo
Varitronix internationa...
MGL-24064 VARITRONIX-MGL-24064 Datasheet
74Kb / 1P
   240 X 64 DOTS
logo
HYES Optoelectronics, I...
HE245XX01 HYES-HE245XX01 Datasheet
180Kb / 1P
   240 X 64 Dots
logo
Vishay Siliconix
LCD-240H064A VISHAY-LCD-240H064A_V01 Datasheet
67Kb / 3P
   240 x 64 Graphic LCDs
01-Jan-2022
LCD-240H064C VISHAY-LCD-240H064C Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064J VISHAY-LCD-240H064J Datasheet
63Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
LCD-240H064C VISHAY-LCD-240H064C_V01 Datasheet
69Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J_V01 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064A VISHAY-LCD-240H064A Datasheet
64Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com