Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P1639 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-P1639
Description  NPN-Silizium-Fototransistor im SMT SIDELEDa-Gehause Silicon NPN Phototransistor in SMT SIDELEDa-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P1639 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-P1639 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P1639 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P1639 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P1639 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P1639 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
SFH 325
SFH 325 FA
Relative spectral sensitivity, SFH 325
Srel = f (λ)
Total power dissipation
Ptot = f (TA)
Dark current
ICEO = f (TA), VCE = 5 V, E = 0
Relative spectral sensitivity, SFH 325 FA
Srel = f (λ)
Photocurrent
IPCE = f (VCE), Ee = Parameter
Capacitance
CCE = f (VCE), f = 1 MHz, E = 0
Photocurrent
IPCE = f (Ee), VCE = 5 V
Dark current
ICEO = f (VCE), E = 0
Photocurrent
IPCE/IPCE25
o = f (TA), VCE = 5 V


Similar Part No. - Q62702-P1639

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P1630 SIEMENS-Q62702-P1630 Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
Q62702-P1631 SIEMENS-Q62702-P1631 Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
Q62702-P1634 SIEMENS-Q62702-P1634 Datasheet
54Kb / 7P
   SMT Multi TOPLED
More results

Similar Description - Q62702-P1639

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2486 OSRAM-Q65110A2486 Datasheet
203Kb / 10P
   NPN-Silizium-Fototransistor im SMT SIDELED짰-Gehause Silicon NPN Phototransistor in SMT SIDELED짰-Package
logo
Siemens Semiconductor G...
SFH320 SIEMENS-SFH320 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
logo
OSRAM GmbH
SFH3201 OSRAM-SFH3201 Datasheet
70Kb / 7P
   NPN-Silizium-Fototransistor im SMT-Gehase
SFH320 OSRAM-SFH320_01 Datasheet
149Kb / 7P
   NPN-Silizium-Fototransistor im SMT TOPLED
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH3211 OSRAM-SFH3211 Datasheet
76Kb / 7P
   NPN-Silizium-Fototransistor in SMT TOPLED
logo
Siemens Semiconductor G...
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com