Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

430-6450-001X Datasheet(PDF) 3 Page - Dialight Corporation

Part # 430-6450-001X
Description  ITE Compliant LED Signal Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

430-6450-001X Datasheet(HTML) 3 Page - Dialight Corporation

  430-6450-001X Datasheet HTML 1Page - Dialight Corporation 430-6450-001X Datasheet HTML 2Page - Dialight Corporation 430-6450-001X Datasheet HTML 3Page - Dialight Corporation 430-6450-001X Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
p *Fully compliant to ITE VTCSH-LED Vehicle Arrow Supplement dated 7/01/2007
p Allows for mounting in any orientation in the signal head
p Industry’s lowest power for all colors
p Meets or exceeds ITE intensity, color and uniformity specification, including 49ºC / 74ºC
requirements
p Temperature compensated power supplies for longer LED life
p Uniform appearance
p Transient suppression exceeds ITE and NEMA specifications (Up to 6KV ring wave)
p Manufactured with anti-capillary wires
p Conformal coated power supply
p Secondary lens treatment for abrasion resistance
p Intertek/ETL certified and listed on ETL certification program
p All units operate at 80-135VAC RMS, 60±3Hz
p *Fully compliant to ITE VTCSH-LED Circular Signal Supplement dated 6/27/2005
p Industry’s lowest power for all colors
p Meets or exceeds ITE intensity, color and uniformity specification, including 49ºC / 74ºC requirements
p Temperature compensated power supplies for longer LED life
p Uniform appearance
p Expanded view radiation pattern suitable for span wire and steep grade applications
p Transient suppression exceeds ITE and NEMA specifications (Up to 6KV ring wave)
p Manufactured with anti-capillary wires
p Conformal coated power supply
p Secondary lens treatment for abrasion resistance
p Patent No. 7,281,818 and other patents pending
p Intertek/ETL certified and listed on ETL certification program
p All units operate at 80-135VAC RMS, 60±3Hz
Uniform Appearance LED Traffic Signal Modules
OMNI-DIRECTIONAL, UNIFORM APPEARANCE LED ARROWS
www.dialight.com
Part Number
Color
Lens
Type
Dominant
Wavelength
(nm)
Typical
Wattage
at 25°C
Peak Minimum
Maintained
Luminous Intensity (cd)
*Meets ITE VTCSH
LED Circular Signal
Supplement
CSA
Approved
Size
(in)
433-1110-003XL
Red
Tinted
625
6
165
a
a
8
433-1170-003XL
Red
Clear
625
6
165
a
a
8
433-3130-901XL
Yellow
Tinted
590
7
410
a
a
8
433-3170-901XL
Yellow
Clear
590
7
410
a
a
8
433-2120-001XL
Green
Tinted
500
8
215
a
a
8
433-2170-001XL
Green
Clear
500
8
215
a
a
8
433-1210-003XL
Red
Tinted
625
6
365
a
a
12
433-1270-003XL
Red
Clear
625
6
365
a
a
12
433-3230-901XL
Yellow
Tinted
590
12
910
a
a
12
433-3270-901XL
Yellow
Clear
590
12
910
a
a
12
433-2220-001XL
Green
Tinted
500
7
475
a
a
12
433-2270-001XL
Green
Clear
500
7
475
a
a
12
Part Number
Color
Lens Type
Typical
Wattage
at 25oC
Dominant
Wavelength
(nm)
Peak Minimum
Maintained Luminous
Intensity (cd)
*Meets ITE
Spec
CSA
Approved
432-1314-001XOD
Red
Tinted
6
628
56.8
a
a
432-1374-001XOD
Red
Clear
6
628
56.8
a
a
431-3334-901XOD
Yellow
Tinted
6
590
141.6
a
a
431-3374-901XOD
Yellow
Clear
6
590
141.6
a
a
432-2324-001XOD
Green
Tinted
6
500
73.9
a
a
432-2374-001XOD
Green
Clear
6
500
73.9
a
a


Similar Part No. - 430-6450-001X

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
430-6450-001X DIALIGHT-430-6450-001X Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
430-6450-001XC DIALIGHT-430-6450-001XC Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
More results

Similar Description - 430-6450-001X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS_16 Datasheet
235Kb / 13P
   Compliant Modules
April, 2016 ??Rev. 3
logo
Dialight Corporation
432-1314-001XOD DIALIGHT-432-1314-001XOD Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
logo
MORNSUN Science& Techno...
TEM5630AN MORNSUN-TEM5630AN_15 Datasheet
226Kb / 3P
   Signal conditioning modules
logo
CINCON ELECTRONICS Corp...
CFM40M CINCON-CFM40M Datasheet
542Kb / 3P
   40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
   Signal conditioning modules
logo
CINCON ELECTRONICS Corp...
CFM100M CINCON-CFM100M Datasheet
418Kb / 2P
   100W MEDICAL&ITE OPEN FRAME AC-DC MODULES WITH PFC
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
CINCON ELECTRONICS Corp...
CFM150M CINCON-CFM150M Datasheet
301Kb / 2P
   150W MEDICAL AND ITE OPEN FRAME AC-DC MODULES WITH PFC
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
   LED Display Modules
Revision: 07-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com