Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBA9C4M Datasheet(PDF) 1 Page - Dialight Corporation

Part # HBA9C4M
Description  SafeSite짰 Series LED High Bay Luminaire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBA9C4M Datasheet(HTML) 1 Page - Dialight Corporation

  HBA9C4M_12 Datasheet HTML 1Page - Dialight Corporation HBA9C4M_12 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SafeSite
® Series LED
High Bay Luminaire
ATEX/IECEx version
Mechanical Information
Fixture Weight:
13.6 kg (30 lbs) with fixed cable
15.1 kg (33.3 lbs) with junction box
Mounting:
Stirrup Mounting Bracket included
Fixing:
Factory installed 3 meter SWB cable or
factory fitted junction terminal box with 2
off M20 x 1.5mm cable entries
Electrical specifications
Operating Voltage:
100-277V AC, 50/60 Hz
Total System
Power Consumption:
165W Maximum
150W Typical
Operating Temp:
-40°C to +60°C
Harmonics:
IEC 61000-3-2
Surge Protection:
EN 61000-4-5
1 kV line to line, 2 kV line to ground
THD:
<5% (100VAC)
<10% (230/240VAC)
<12% (277VAC)
Power Factor:
> 0.9
Construction
Body:
Copper free aluminium
Finish:
Light grey powder coated (RAL7001)
Lens:
Toughened glass
Photometric Information
CRI:
70
CCT:
6000K (cool white)
All values typical unless otherwise stated
All lumen values are typical (tolerance +/- 10%)
Certifications & Ratings
Standard ATEX/IECEx Models
Ex II 2G D Ex d IIB T5 Gb (factory fitted cable)
Ex II 2G D Ex d e IIB T5 Gb (factory fitted junction box)
Ex tb IIIC T100°C Db IP66
Certificate numbers: IECEx BAS 10.0074X
Baseefa 10ATEX0148X
Hydrogen Environment ATEX/IECEx Models
Ex II 2G D Ex d IIB+H2 T5 Gb (factory fitted cable)
Ex II 2G D Ex d e IIB+H2 T5 Gb (factory fitted junction box)
Ex tb IIIC T100°C Db IP66
Certificate numbers: IECEx BAS 12.0044X
Baseefa 12ATEX0070X
All Models
ATEX Zones 1 & 21 and 2 & 22
CE - Compliant with EN 55015-2006 & EN 61547
IP66 rated
RoHS compliant
Features & Benefits
L70 rated for >100,000 hours @ 25°C ambient
5 year full performance warranty
Low power consumption
Instant on/off operation
Mercury free, lead free
Resistant to shock and vibration
Superior colour rendition index compared to HPS, LPS & MV
Temperature compensation technology for longer life
SWB/EPR Cable 3 core 1.5mm² CSA or Junction Box option
One man installation
Replaces up to 400W HID
Patent Pending
Dimensions in mm [Inches]
174.75
[6.88]
47.75 [1.88]
406.40
[16.00]
65.28
(2.57)
406.40
[16.00]
268.48
(10.57)
154.18
(6.07)
Applicaton
The first of its kind, the Dialight SafeSite
® LED High Bay luminaire was
designed specifically to replace conventional lighting in a wide variety
of Hazardous Area applications, both indoor and outdoor. Its low profile
light weight design and versatile mounting options make it ideal for High
Bay and Flood Lighting applications for ATEX and IECEx classified
Hazardous Area Zones.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
www.dialight.com
471.66
(18.57)


Similar Part No. - HBA9C4M_12

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
   SafeSite Series LED High Bay Luminaire
More results

Similar Description - HBA9C4M_12

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
   SafeSite짰 Series LED High Bay
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
   SafeSite Series LED High Bay Luminaire
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
   DuroSite Series LED High Bay Luminaire
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
   SafeSite짰 Series LED Downlight
ESS-12-CW-SD DIALIGHT-ESS-12-CW-SD Datasheet
215Kb / 2P
   ES Series White LED Luminaire
HZC2C2N DIALIGHT-HZC2C2N Datasheet
291Kb / 2P
   SafeSite짰 Series LED Area Light
HZA2C2N DIALIGHT-HZA2C2N Datasheet
307Kb / 2P
   SafeSite짰 Series LED Area Light
HZD2C2N DIALIGHT-HZD2C2N Datasheet
285Kb / 2P
   SafeSite짰 Series LED Area Light
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
   DuroSite짰 Series LED High Bay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com