Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4515 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH4515
Description  GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH4515 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH4515 Datasheet HTML 1Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 2Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 3Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 4Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 5Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
1998-11-12
SFH 4510
SFH 4515
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA
λ
peak
950
nm
Spektrale Bandbreite bei 50 % von I
max
Spectral bandwidth at 50 % of I
max
I
F = 100 mA
∆λ
55
nm
Abstrahlwinkel
Half angle
ϕ± 14
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.09
mm
2
Abmessungen der aktive Chipfläche
Dimension of the active chip area
L
× B
L
× W
0.3
× 0.3
mm
Schaltzeiten, I
e von 10 % auf 90 % und von
90 % auf 10 %, bei
I
F = 100 mA, RL = 50 Ω
Switching times, I
e from 10 % to 90 % and
from 90 % to10 %,
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.5
µs
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
25
pF
Durchlaßspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.30
(≤ 1.5)
2.30
(≤ 2.8)
V
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01
(≤ 1)µA
Gesamtstrahlungsfluß
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
22
mW


Similar Part No. - SFH4515

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510 Datasheet
77Kb / 7P
   GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
   GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
   Spectral match with silicon photodetectors
SFH4516 OSRAM-SFH4516 Datasheet
183Kb / 11P
   UL version available
More results

Similar Description - SFH4515

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
   Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
   GaAs Infrared Emitters (950 nm) in SMR짰 Package
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 08-Mar-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com