Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB4C4M-EU Datasheet(PDF) 1 Page - Dialight Corporation

Part # HB4C4M-EU
Description  DuroSite짰 Series LED High Bay Luminaire - CE Approved
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HB4C4M-EU Datasheet(HTML) 1 Page - Dialight Corporation

  HB4C4M-EU Datasheet HTML 1Page - Dialight Corporation HB4C4M-EU Datasheet HTML 2Page - Dialight Corporation HB4C4M-EU Datasheet HTML 3Page - Dialight Corporation HB4C4M-EU Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DuroSite
® Series LED High Bay
Luminaire - CE Approved
Certifications & Ratings:
CE - compliant
EN 55015:2006 / EN 61547:2009 / EN 60598:2008
BS EN 62471:2008
Gost R approval
IEC60068 salt spray testing- severity 1
IK10 to EN50102 (polycarbonate lens only)
IP66 to EN60529
Features & Benefits:
5 year full performance warranty
Zone 1 hazardous area versions also available
May be used with remote occupancy sensor
Instant on/off operation
Superior colour rendition index compared to HPS, LPS, MV
Mercury free, lead free
Replaces up to 400 Watt HID light sources
Resistant to shock and vibration
Temperature compensation technology for longer life
L70 rated for 100,000 hours @ 25°C
Order Codes:
Dimensions in mm [Inches]
174.75
[6.88]
(6) 1/4”-20 SELF TAPPING
SCREW HOLE
47.75 [1.88]
406.40
[16.00]
3.05m
[10’]
cord
406.40
[16.00]
18-5/16” X .75” THREADED (2)
76.20
[3.00]
49.53
[1.95]
Application:
The first of its kind, the Dialight DuroSite
® LED High Bay luminaire was designed
specifically to replace conventional lighting in a wide variety of industrial
applications, both indoor and outdoor. Its low profile, light weight design
and versatile mounting options make it ideal for many applications such as
for many applications such as high bay lighting, warehouse, factories, cold
stores, restricted access areas, service areas and other applications with
mounting heights greater than 4 meters.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
Hazardous area versions are also available.
www.dialight.com
Mechanical Information
Fixture Weight:
8.2 kg (18 lbs)
Mounting:
Swivel bracket or hook (see page 2)
Fixing
1
:
Factory installed 3 meter 3 core PVC cable
Factory installed junction box (see ordering note,
for mechanical drawing see page 4)
Custom cable lengths available (consult factory)
Electrical specifications
Operating Voltage, Input Current, Power Consumption: See Table
Operating Temp:
-40°C to +65°C (-40°F to +149°F)
Harmonics:
EN 61000-3-2
Surge Protection:
EN 61000-4-5
1 kV line to line
2 kV line to ground
THD:
<5% (120VAC)
<10% (230/240VAC)
<12% (277VAC)
Power Factor:
> 0.9
Construction
Housing:
LM6 marine grade aluminium
Finish:
Light grey powder coated (RAL7001)
Lens:
Acrylic (PMMA)
Polycarbonate (PC)
Tempered Glass
Photometric Information
CRI:
> 70
CCT:
5,650K (cool white)
4,300K (neutral white)
All values typical unless otherwise state
Part Number
IP66
(Acrylic Lens)
IP66 to EN60529
2
(Polycarbonate Lens)
(Tempered Glass Lens)
Lens
Optical Pattern
CCT
3
Initial Fixture
Lumens
Lumens
Per Watt
4
Clear
Diffused
Circular
Aisle
HBGC4P-EU
Cool White
14,000
90
HB6C4M-EU
Cool White
11,500
82
HB2C4M-EU
Cool White
10,000
71
HB7C4M-EU
Cool White
9,750
70
HB1C4N-EU
Cool White
11,500
82
HB6C4N-EU
Cool White
11,500
82
HB0C4M-EU
Cool White
10,000
71
HB4C4M-EU
Cool White
10,750
77
HB5C4N-EU
Cool White
10,750
77
HB3C4N-EU
Cool White
10,750
77
1Part numbers in the above table include 3M PVC cable, for units including an attached junction box replace prefix HB with HBJ in the order
code, HB2C4M-EU becomes HBJ2C4M-EU. For mechanical drawing see page 4.
2Circular optical pattern, polycarbonate lens part numbers can be ordered with a factory installed dome lens. For dome lens option ; replace
3rd numeral with L, HB2C4M-EU becomes HBLC4M-EU For mechanical drawing see page 4.
3Part numbers in the above table are cool white models, for neutral white replace the 3rd character C with N in the order code,
HB2C4M-EU becomes HB2N4M-EU
4Lumens per Watt calutated based on 140W except for HBG2C4P-EU
5HBG2C4P-EU is available in 230/240VAC only. Lumen values for HBG2C4P-EU is based on 156W @ 230 VAC, electrical specifications chart does
not apply to this part number
Operating Voltage
Input Wattage
Input Current
277
134
0.5
230
137
0.6
200
137
0.7
150
139
0.9
120
141
1.2
100
144
1.4
All measurements taken at 25°C ambient, all values +/-15%


Similar Part No. - HB4C4M-EU

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HB4C4L DIALIGHT-HB4C4L Datasheet
1Mb / 8P
   DuroSite짰 Series LED High Bay
HB4C4W DIALIGHT-HB4C4W Datasheet
1Mb / 8P
   DuroSite짰 Series LED High Bay
More results

Similar Description - HB4C4M-EU

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
   DuroSite짰 Series LED High Bay
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
   DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
   DuroSite짰 Series LED Low Bay
HBA9C4M DIALIGHT-HBA9C4M_12 Datasheet
220Kb / 2P
   SafeSite짰 Series LED High Bay Luminaire
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
   SafeSite Series LED High Bay Luminaire
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
   DuroSite Series LED High Bay Luminaire
WPBRKTSSADJ DIALIGHT-WPBRKTSSADJ Datasheet
213Kb / 2P
   DuroSite짰 LED Emergency Shower Safe Luminaire
logo
HB Electronic Component...
MR16-36PCS-W3-GU10 HB-MR16-36PCS-W3-GU10 Datasheet
548Kb / 2P
   CE Approved
logo
Laird Tech Smart Techno...
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
POE-PS-150-001 LSTD-POE-PS-150-001 Datasheet
275Kb / 1P
   FCC and CE approved
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com