Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

860-1R05-001 Datasheet(PDF) 3 Page - Dialight Corporation

Part # 860-1R05-001
Description  Vigilant짰 Series LED Based Obstruction Lights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

860-1R05-001 Datasheet(HTML) 3 Page - Dialight Corporation

  860-1R05-001 Datasheet HTML 1Page - Dialight Corporation 860-1R05-001 Datasheet HTML 2Page - Dialight Corporation 860-1R05-001 Datasheet HTML 3Page - Dialight Corporation 860-1R05-001 Datasheet HTML 4Page - Dialight Corporation 860-1R05-001 Datasheet HTML 5Page - Dialight Corporation 860-1R05-001 Datasheet HTML 6Page - Dialight Corporation 860-1R05-001 Datasheet HTML 7Page - Dialight Corporation 860-1R05-001 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.dialight.com
3
Vigilant
® LED Based L-864/L-865 Flashing Dual (White/Red) Strobe
Features and Benefits
2007
2008
2009
Present
Industry’s Longest Warranty
Full performance 5 year warranty
(Xenon technology only 2 years)
All LED Flash Head = 10+ Years Life Expectancy
Long life and resistant to shock and vibration
High impact polycarbonate lens with specialised lens coating for superior UV,
scratch & chemical resistant lens coating
Rugged metal base
Reduction in expensive tower climbs and maintenance costs / unplanned site visits
No More Dangerous High Voltage Power Supply Required
Enables the use of low voltage flexible cable
Uses standard low voltage supply, providing considerable safety advantages
Eliminates the need to send high voltage up a tower
Eliminates corrosion due to ozone effects
Excellent protection against lightning and surges
Designed to withstand IEC61000-4-5, 6kV/3000A,1.2/50s, 8/20s,
2 ohm output impedance, combination wave, line-line and line-ground
Smallest Flash Head in the Industry
7.28” high
Significantly less wind loading than Xenon dual strobes
Very Precise Patented Optics
Minimum ground scatter light
Community friendly lighting system
Uses State-of-the-Art LED Technology
Replaces high maintenance Xenon tubes
Resistant to shock and vibration (no fragile Xenon tubes)
Does not generate lens deteriorating ozone
LED’s Produce No Radio Frequency Blast
Eliminates RF interference with cell networks associated with Xenon technology
IP66 Rated
Completely sealed from the outside environment
Factory sealed
Lightest Flash Head in the Industry
26lbs
Easy to Handle and Install
Replaceable flashhead
Light module is detachable from base for easy replacement at end of life


Similar Part No. - 860-1R05-001

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
logo
Mill-Max Mfg. Corp.
860-10-050-10-002000 MILL-MAX-860-10-050-10-002000 Datasheet
96Kb / 2P
   Interconnect Header 1mm Grid; Straight Pin Header
logo
Precid-Dip Durtal SA
860-10-NNN-10-001101 PREDIP-860-10-NNN-10-001101 Datasheet
95Kb / 3P
   PCB CONNECTORS
logo
Qualtek Electronics Cor...
860-10/024 QUALTEK-860-10/024 Datasheet
252Kb / 1P
   EMI FILTER
860-10024 QUALTEK-860-10024 Datasheet
252Kb / 1P
   EMI FILTER
More results

Similar Description - 860-1R05-001

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTOCR07001 DIALIGHT-RTOCR07001 Datasheet
120Kb / 1P
   Vigilant L-810 Infrared (IR) LED Obstruction Lights
D464-R13-001 DIALIGHT-D464-R13-001 Datasheet
231Kb / 1P
   Vigilant짰 L-864 Infrared (IR) LED Based Medium Intensity Red Beacon
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
   LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
   LED..SW Series Spot Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
   LED..R..W Series Ring Lights
logo
Dialight Corporation
RTO-AW07-001 DIALIGHT-RTO-AW07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
   LED..R..M Series Ring Lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com