Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

430-7570-001X Datasheet(PDF) 3 Page - Dialight Corporation

Part # 430-7570-001X
Description  LED Signal Modules and Pedestrian Signals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

430-7570-001X Datasheet(HTML) 3 Page - Dialight Corporation

  430-7570-001X Datasheet HTML 1Page - Dialight Corporation 430-7570-001X Datasheet HTML 2Page - Dialight Corporation 430-7570-001X Datasheet HTML 3Page - Dialight Corporation 430-7570-001X Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Industry’s lowest power for all colors
Meets or exceeds intensity, color and uniformity specification
Temperature compensated power supplies for longer LED life
Uniform appearance
Expanded view radiation pattern suitable for span wire and steep grade applications
Transient suppression exceeds ITE and NEMA specifications (Up to 6KV ring wave)
Manufactured with anti-capillary wires
Conformal coated power supply
Secondary lens treatment for abrasion resistance
Patent No. 7,281,818 and other patents pending
ITE products are Intertek/ETL certified and listed on ETL certification program website
All units operate at 80-135VAC RMS, 60±3Hz
ITE and Caltrans Approved Uniform Appearance LED Traffic Signal Modules
www.dialight.com
Part Number
Color
Lens
Type
Dominant
Wavelength
(nm)
Typical
Wattage
at 25°C
Peak Minimum
Maintained
Luminous Intensity (cd)
Compliance
CEC
Approved
Size
(in)
433-1110-003XL
Red
Tinted
625
6
165
ITE
8
433-1170-003XL
Red
Clear
625
6
165
ITE
8
433-3130-901XL
Yellow
Tinted
590
7
410
ITE
8
433-3170-901XL
Yellow
Clear
590
7
410
ITE
8
433-2120-001XL
Green
Tinted
500
8
215
ITE
8
433-2170-001XL
Green
Clear
500
8
215
ITE
8
433-1110-003
Red
Tinted
625
6
133
Caltrans
8
433-3130-001
Yellow
Tinted
590
9
267
Caltrans
8
433-3170-001
Yellow
Clear
590
9
267
Caltrans
8
433-2120-001
Green
Tinted
500
7
267
Caltrans
8
433-2170-001
Green
Clear
500
7
267
Caltrans
8
433-1210-003XL
Red
Tinted
625
6
365
ITE
12
433-1270-003XL
Red
Clear
625
6
365
ITE
12
433-3230-901XL
Yellow
Tinted
590
12
910
ITE
12
433-3270-901XL
Yellow
Clear
590
12
910
ITE
12
433-2220-001XL
Green
Tinted
500
7
475
ITE
12
433-2270-001XL
Green
Clear
500
7
475
ITE
12
433-1210-003
Red
Tinted
625
6
339
Caltrans
12
433-3230-001
Yellow
Tinted
590
12
678
Caltrans
12
433-3270-001
Yellow
Clear
590
12
678
Caltrans
12
433-2220-001
Green
Tinted
500
9
678
Caltrans
12
433-2270-001
Green
Clear
500
9
678
Caltrans
12
Part Number
Color
Lens
Type
Dominant
Wavelength
(nm)
Typical
Wattage
at 25°C
Peak Minimum
Maintained
Luminous Intensity
Compliance
CEC
Approved
P46-3R33-003
Red
Clear
625
10
314 cd/m2
Caltrans
P46-3Y33-003
Yellow
Clear
590
17
314 cd/m2
Caltrans
P46-3B33-003
Green
Clear
500
8
314 cd/m2
Caltrans
Direct replacement for incandescent lamps in Programmable Visibility (PV) Signals
Compatible with McCain and 3M signal heads
90% reduction in power vs. incandescent lamps
Sealed lamp is moisture and dust resistant
Fuse and transient suppressor incorporated for line and load protection
Conformal coated power supply
All units operate at 80 - 135VAC RMS, 60 ± 3Hz
Caltrans Approved Programmable Visibility LED Signal Modules


Similar Part No. - 430-7570-001X

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
430-7570-001X DIALIGHT-430-7570-001X Datasheet
380Kb / 4P
   ITE Compliant LED Signal Modules
More results

Similar Description - 430-7570-001X

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
P46-3R33-003 DIALIGHT-P46-3R33-003 Datasheet
65Kb / 1P
   LED Lamp Modules for Programmable Visibility (PV) Signals
433-1110-003XL DIALIGHT-433-1110-003XL Datasheet
380Kb / 4P
   ITE Compliant LED Signal Modules
logo
Vishay Siliconix
TSOP75D25 VISHAY-TSOP75D25 Datasheet
298Kb / 14P
   IR Receiver Modules for 3D Synchronization Signals
Rev. 1.0, 31-Mar-10
logo
NEC
UPC1423 NEC-UPC1423 Datasheet
694Kb / 11P
   FOR COLOR TV COLOR SIGNALS, VIDEO SIGNAL, AND SYNCHRONIZING SIGNAL OF PAL/NTSC SYSTEM
logo
XP Power Limited
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
   Fully Featured Signals AND Controls
logo
IXYS Corporation
LOC211P IXYS-LOC211P Datasheet
112Kb / 5P
   Couples Analog and Digital Signals
logo
MORNSUN Science& Techno...
TEM5630AN MORNSUN-TEM5630AN_15 Datasheet
226Kb / 3P
   Signal conditioning modules
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
   Signal conditioning modules
logo
Ledil, Inc.
C11277 LEDIL-C11277 Datasheet
943Kb / 5P
   Beam for area and street lighting such as parks and pedestrian walkways
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com