Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

860-2R01-005 Datasheet(PDF) 7 Page - Dialight Corporation

Part # 860-2R01-005
Description  SafeSit짰 LED Signaling for Hazardous Locations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

860-2R01-005 Datasheet(HTML) 7 Page - Dialight Corporation

  860-2R01-005 Datasheet HTML 1Page - Dialight Corporation 860-2R01-005 Datasheet HTML 2Page - Dialight Corporation 860-2R01-005 Datasheet HTML 3Page - Dialight Corporation 860-2R01-005 Datasheet HTML 4Page - Dialight Corporation 860-2R01-005 Datasheet HTML 5Page - Dialight Corporation 860-2R01-005 Datasheet HTML 6Page - Dialight Corporation 860-2R01-005 Datasheet HTML 7Page - Dialight Corporation 860-2R01-005 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SafeSite® FLS Series LED Flashing Signal
Lights w/ Flat Base Junction Box
Certifications & Ratings:
w Class I, Div 2, Groups A, B, C, D hazardous environments (pending)
w IP65 / IP66 / NEMA 4X rated
Features & Benefits:
w ETL Listed in compliance with UL1598 and UL844 for use in Class I, Div
2 hazardous locations
w Uses 90% less energy than an incandescent
w Weather/corrosion resistant lamp assembly and housing
w Resistant to shock and vibration
w Unique optically designed lens to enhance LED operation and
provide 360
º visibility
w 5 year warranty
Application:
Dialight’s flat base junction box allows versatility of mounting and
installation. It’s flat bottom base design creates the ability to mount the
flashing signal against level surfaces such as walls, ceilings and platforms.
Dimensions in Inches [mm]
11.34
[288.2]
Ø 6.60 [167.6]
2.25
[57.15]
Class I, Div 2 - Single Units
FLS-2R01-005
Class I, Div 2 Red 120 VAC - Flat Base
FLS-2Y01-005
Class I, Div 2 Yellow 120 VAC - Flat Base
FLS-2B01-005
Class I, Div 2 Blue 120 VAC - Flat Base
Order Codes:
Mechanical Information:
Container Dimensions: 16” X 9” X 8”
406mm x 229mm x 203mm
Container Weight:
7.14 lbs (3.24 kg)
Mounting:
Threaded 1” NPT on 4 sides and 1
on bottom
Electrical specifications:
Volt Amps:
44 VA (120 VAC Units)
Input Power:
14.5 W (120 VAC Units)
Operating Temp:
-67ºF to +131ºF (-55ºC to +55ºC)
Material:
Housing:
Cast aluminum
Lens:
Glass
Accessories (Hardware):
Stainless steel
7
www.dialight.com


Similar Part No. - 860-2R01-005

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
860-02-001 QUALTEK-860-02-001 Datasheet
253Kb / 1P
   EMI FILTER
860-02-006 QUALTEK-860-02-006 Datasheet
255Kb / 1P
   EMI FILTER
860-02001 QUALTEK-860-02001 Datasheet
255Kb / 1P
   EMI FILTER
860-02006 QUALTEK-860-02006 Datasheet
256Kb / 1P
   Qualtek Electronics Corp
860-03-008 QUALTEK-860-03-008 Datasheet
251Kb / 1P
   EMI FILTER
More results

Similar Description - 860-2R01-005

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
86002235 MULTITECH-86002235 Datasheet
362Kb / 3P
   Industrial Cellular Router for Hazardous Locations
2021-08
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
   SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
logo
Dialight Corporation
LSD3C4M2PHE DIALIGHT-LSD3C4M2PHE Datasheet
613Kb / 8P
   SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
logo
PHOENIX CONTACT
2968 PHOENIX-2968 Datasheet
444Kb / 20P
   Intrinsically safe inline temperature input terminal for hazardous locations
logo
Littelfuse
0259.062MX913 LITTELFUSE-0259.062MX913 Datasheet
397Kb / 2P
   PICO 259-UL913 Series Intrinsically Safe Fuse for Hazardous Locations
logo
PHOENIX CONTACT
2869911 PHOENIX-2869911 Datasheet
515Kb / 14P
   Intrinsically safe Inline digital I/O terminal for hazardous locations
2869912 PHOENIX-2869912 Datasheet
534Kb / 27P
   Intrinsically safe Inline analog I/O terminal for hazardous locations
2825 PHOENIX-2825 Datasheet
829Kb / 7P
   Power supply for intrinsically safe Inline terminals used in hazardous locations
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
Endress+Hauser Group Se...
CM42 EH-CM42 Datasheet
4Mb / 48P
   Two-wire transmitter for hazardous and non-hazardous areas
2020-02-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com