Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5401G-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N5401G-T
Description  3.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5401G-T Datasheet(HTML) 1 Page - Diodes Incorporated

  1N5401G-T Datasheet HTML 1Page - Diodes Incorporated 1N5401G-T Datasheet HTML 2Page - Diodes Incorporated 1N5401G-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5400G – 1N5408G
Document number: DS29003 Rev. 8 - 2
1 of 3
www.diodes.com
April 2012
© Diodes Incorporated
1N5400G - 1N5408G
3.0A GLASS PASSIVATED RECTIFIER
Features and Benefits
Glass Passivated Die Construction
High Current Capability and Low Forward Voltage Drop
Surge Overload Rating to 125A Peak
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Mechanical Data
Case: DO-201AD
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin. Plated Leads Solderable per MIL-
STD-202, Method 208
Polarity: Cathode Band
Marking: Type Number
Weight: 1.12 grams (approximate)
Ordering Information (Note 3)
Device
Packaging
Shipping
1N5400G-B
DO-201AD
500/Bulk
1N5400G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5401G-B
DO-201AD
500/Bulk
1N5401G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5402G-B
DO-201AD
500/Bulk
1N5402G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5403G-B
DO-201AD
500/Bulk
1N5403G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5404G-B
DO-201AD
500/Bulk
1N5404G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5405G-B
DO-201AD
500/Bulk
1N5405G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5406G-B
DO-201AD
500/Bulk
1N5406G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5407G-B
DO-201AD
500/Bulk
1N5407G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5408G-B
DO-201AD
500/Bulk
1N5408G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
Maximum Ratings and Electrical Characteristics @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
5400G
1N
5401G
1N
5402G
1N
5403G
1N
5404G
1N
5405G
1N
5406G
1N
5407G
1N
5408G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
580
700
V
Average Rectified Output Current
(Note 4)
@ TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
125
A
Forward Voltage
@ IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
5.0
100
μA
Typical Reverse Recovery Time (Note 5)
trr
2.0
μs
Typical Total Capacitance (Note 6)
CT
40
pF
Typical Thermal Resistance Junction to Ambient
RθJA
16
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. For packaging details, visit our website at http://www.diodes.com.
4. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
5. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
6. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Pb


Similar Part No. - 1N5401G-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5401G-T DIODES-1N5401G-T Datasheet
65Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. 6 - 2
More results

Similar Description - 1N5401G-T

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PG5400 ZSELEC-PG5400 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_15 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
1N5400G DIODES-1N5400G_1 Datasheet
65Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. 6 - 2
1N5400G DIODES-1N5400G Datasheet
59Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. D-2
logo
TAITRON Components Inco...
T3A05G TAITRON-T3A05G Datasheet
169Kb / 5P
   3.0A Glass Passivated Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com