Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515-1143F Datasheet(PDF) 9 Page - Dialight Corporation

Part # 515-1143F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1143F Datasheet(HTML) 9 Page - Dialight Corporation

Back Button 515-1143F Datasheet HTML 5Page - Dialight Corporation 515-1143F Datasheet HTML 6Page - Dialight Corporation 515-1143F Datasheet HTML 7Page - Dialight Corporation 515-1143F Datasheet HTML 8Page - Dialight Corporation 515-1143F Datasheet HTML 9Page - Dialight Corporation 515-1143F Datasheet HTML 10Page - Dialight Corporation 515-1143F Datasheet HTML 11Page - Dialight Corporation 515-1143F Datasheet HTML 12Page - Dialight Corporation 515-1143F Datasheet HTML 13Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Part Number
Drawing
Suggested
LED*
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
597-5111-407F
597-5202-407F
597-5311-407F
597-5411-407F
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
515-1070F
515-1022F
515-1045F
515-1086F
515-1062F
515-1063F
9
515-1063F
515-1062F
.100
.750
.550
.120
.075
.144
.200
2 PLCS
LEDS
.275
1.100
1.388
.300±.006
.145
.140
.81
1.23
0.47
1.080 +.010
- .005
.062
.200
4 PLCS
.120
4 PLCS
1.85
.100
.075
.275
1.100
.550
(TYP)
1.23
.81
.550
+.050
- .008
.140
DETAIL “A”
1.080 +.010
- .005
.062
.300±.006
.100 TYP
12 PLCS
.100 TYP
12 PLCS
1.73
.148 TYP
11 PLCS
.030
(TYP)
.120
1.600
.014
.79
2.435
.410
.220
.320
.125
(TYP)
.040 (POSITIONS
1, 6, 7 & 12 ONLY)
.796±.015
(20,22±0,12)
.100±.005
(2,54±0,12)
7 PLCS
TYP
.058
(1,47)
.190±.005
(4,83±,012)
.050
(1,27)
.200±.003
(5,08±0,17)
TYP 3 PLCS
Ø.076±.005
(1,93±,012)
TYP 8 PLCS
.125
(3,18)
.230
(5,84)
.170
(4,32)
.120±.010
(3,05±0,25)
.040
(1,02)
.125
(3,18)
.045
(1,14)
.316±.010
(8,03±0,25)
Ø2.50
Ø(,098)
16 PLCS
1.60
(,063)
13.72
(,540)
13.72
(,540)
2.8
(,11)
10.2
(,40)
4.57
(,180)
TYP 7 PLCS
1.27 (,050)
SOR MNTG PINS
6 PLCS TOTAL
DIFFUSED FRONT
SURFACES
4.32
(,170)
3.81
(,150)
5.00
(,198)
8.00
(,315)
8.46
(,333)
515-1063F
2.5
(,10)
DIFFUSED FRONT
SURFACES
4.32
(,170)
3.81
(,150)
5.00
(,198)
8.00
(,315)
8.46
(,333)
515-1062F
2.5
(,10)
Ø2.50
Ø(,098)
16 PLCS
1.60
(,063)
13.72
(,540)
13.72
(,540)
2.8
(,11)
10.2
(,40)
4.57
(,180)
TYP 7 PLCS
1.27 (,050)
SOR MNTG PINS
6 PLCS TOTAL
LED (REF.)
* ’X’ represents a variable part number. See page 17 for LED details.


Similar Part No. - 515-1143F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1140-100F DIALIGHT-515-1140-100F Datasheet
102Kb / 1P
   Optopipe짰 Lightpipe Actuator Extensions
515-1140-120F DIALIGHT-515-1140-120F Datasheet
102Kb / 1P
   Optopipe짰 Lightpipe Actuator Extensions
515-1140-125F DIALIGHT-515-1140-125F Datasheet
102Kb / 1P
   Optopipe짰 Lightpipe Actuator Extensions
515-1140-130F DIALIGHT-515-1140-130F Datasheet
102Kb / 1P
   Optopipe짰 Lightpipe Actuator Extensions
515-1140-195F DIALIGHT-515-1140-195F Datasheet
102Kb / 1P
   Optopipe짰 Lightpipe Actuator Extensions
More results

Similar Description - 515-1143F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com